Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 3 Page - STMicroelectronics

  L6364 Datasheet HTML 1Page - STMicroelectronics L6364 Datasheet HTML 2Page - STMicroelectronics L6364 Datasheet HTML 3Page - STMicroelectronics L6364 Datasheet HTML 4Page - STMicroelectronics L6364 Datasheet HTML 5Page - STMicroelectronics L6364 Datasheet HTML 6Page - STMicroelectronics L6364 Datasheet HTML 7Page - STMicroelectronics L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
2
Block Diagram
Figure 1. Block Diagram
VDCDC
LOUT
DOUT
INT
Registers
SCK
MISO
MOSI
SS
VDIG
5.0V Lin.Reg
3.3V Lin.Reg
Vbg
M-seq control
V5V
V3V3
Short
detectors
Sigout
LED1
LED2
PLL
LED Driver
CTLD
DC-DC
DC-DC
VPLUS
NC
Surge
CQ
DIO
PGND
GND
L6364
Block Diagram
DS13363 - Rev 4
page 3/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com