Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 17Page - STMicroelectronics L6364 Datasheet HTML 18Page - STMicroelectronics L6364 Datasheet HTML 19Page - STMicroelectronics L6364 Datasheet HTML 20Page - STMicroelectronics L6364 Datasheet HTML 21Page - STMicroelectronics L6364 Datasheet HTML 22Page - STMicroelectronics L6364 Datasheet HTML 23Page - STMicroelectronics L6364 Datasheet HTML 24Page - STMicroelectronics L6364 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
8.2.6
Single octet UART mode state machine
Figure 8. Single octet UART mode state diagram
Receive mode
Receive interim
Receive wait
IO-Link mode
IOListen
+do : UART in reads data on CQ
line, copies result to FR0
Notes :
Initialization
CCTL:SGL=‘1’
+do : UART reads data in
on CQ line and copies result
to FR0
Notes :
Notes : waiting for response from microcontroller,
either read from or write to FR0.
Master
octet rcvd
FR0 read
SIO mode
SIOActive
SIOListen
Short circuit/
Wake-up
trestart
elapsed
+entry : start restart timer (trestart)
+entry : HS,LS switches are off
+do
: UART reads data on CQ line,
copies to FR0
+entry : set data interrupt (STATUS:DAT=‘1’)
+do
: UART reads data in on CQ line
SIO mode set by the
microcontroller
Transmit mode
Transmitting
(buffer full)
Transmitting
(terminating)
Transmitting
(buffer empty)
Transmitting wait
Notes : the CQ line is driven according
to the setting of the CCTL:HS and
CCTL:LS bits
Notes : the L6364 has received a short-circuit via a
wake-up request from the master
+do : UART sends
+do : UART sends
+do : UART sends data out on CQ line
Notes : waiting for response from
microcontroller, either write to FR0 or
LINK:END
+entry : set data interrupt (STATUS:DAT=‘1’)
+do
: UART waits
Notes : waiting for response from
microcontroller, either write to FR0 or
LINK:END
Write FR0
UART done
UART
done
END
written
FR0
written
IO-Link mode set by
the microcontroller
Complete master
octet received
Complete valid master
octet received
UART done
END written
FR0 written
CCTL:SIO='0'
CCTL:SIO=‘1'
Parity error, stop error, timeout or buffer over-run
signaled with CHK='1'. Microcontroller responds with
LINK:END and discards received octets
Short-circuit signaled with SSC, overtemperature with
SOT. Microcontroller typically ignores
8.2.7
Synchronization in single octet UART mode
The L6364 uses a PLL (phase-locked loop) to continuously lock the UART receive and transmit frequency to the
master frequency.
A few octet values (00h, 80h, e0h, f8h and feh) do not provide information which can be used to correct the PLL
frequency, and a continuous sequence of these values could prevent the PLL performing frequency tracking for
some time.
In IO-Link operation, however, it is not possible to create such M-sequences as the defined format of the
M-sequence, and in particular the checksum, guards against this.
A continuous sequence of these octets is possible when the single octet UART mode is used in a proprietary
mode, eg. for code download.
In this case, the insertion of a synchronization octet (aah) at least every 75 ms is required, taking into account
a worst case dissipation change (1W) in combination with a worst case oscillator temperature drift. The interval
of 75 ms is equivalent to 240 octets at 38.4kBaud assuming an inter-frame delay of 1 bit. We recommend the
insertion of a synchronization octet every 32 octets.
8.3
Transparent UART mode
The L6364 supports an operating mode for transparent communication of UART frames.
In this mode, the frames are received and transmitted from a UART peripheral in the microcontroller, and the
function of the DUAL PHY device is reduced to that of a physical level converter.
This mode is supported by dual use of the MOSI and MISO pins, maintaining the low overall pin-count and a
restricted use of microcontroller resources.
Transparent mode is entered by setting the CCTL:TRNS register bit to '1' via the SPI. In this mode the IO-Link
state machine in the L6364 and the PLL are placed in reset.
The interrupt line and status monitoring for reset, short-circuit, overtemperature and undervoltage events continue
to function.
L6364
Transparent UART mode
DS13363 - Rev 4
page 21/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com