Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 8Page - STMicroelectronics L6364 Datasheet HTML 9Page - STMicroelectronics L6364 Datasheet HTML 10Page - STMicroelectronics L6364 Datasheet HTML 11Page - STMicroelectronics L6364 Datasheet HTML 12Page - STMicroelectronics L6364 Datasheet HTML 13Page - STMicroelectronics L6364 Datasheet HTML 14Page - STMicroelectronics L6364 Datasheet HTML 15Page - STMicroelectronics L6364 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
6
SPI Communication
Internal registers (see Table 32. Register map) are provided to observe and control the L6364 state.
These register settings are read and written via the SPI interface, where the L6364 is the SPI slave. The
operating voltage level for inputs and outputs on the SPI interface is set by the VDIG pin. Usually, this pin is
directly connected either to the V5V or V3V3 pins (Section 23 Typical Applications). However, full functionality
of the IC is guaranteed even when VDIG pin is connected to 2.5 V, or 3.3 V, or 5.0 V or 5.5 V rail, although the
internal core works at the V3V3 rail.
The detailed timing diagram is shown in Figure 5 Data is shifted into an internal shift register from input MOSI on
each rising SCK edge. Data is made available on pin MISO at each falling SCK edge. Note that the MISO line is
only driven when the slave specific select line is SS='0', which allows other SPI slaves to share the same SPI bus.
The MSB of the address byte is a WR/RDn bit, where a '1' indicates that each byte is written to the registers.
Valid data is always made available on the MISO line independent of the WR/RDn bit.
Where a register is written and read in the same operation, then the read value is the old register value. During
read operations, the level of the MOSI line is ignored for the data bytes.
The byte sequence for data transmission is shown in Figure 6. Each transmission sequence consists of a falling
SS edge which synchronizes transmission, followed by a target register address byte.
During the transmission of the address byte from the microcontroller to the L6364, the status register contents are
sent from the L6364 to the microcontroller.
Figure 5. Register programming.
tSS
tms tmh
tsh
SCK
(microcontroller)
MOSI
(microcontroller)
SS
(microcontroller)
tcl
tch
MSB
LSB
HiZ
don’t care
MSB
LSB
HiZ
tmd
MISO
(L6364)
don’t care
t
t
t
t
6.1
Multiple byte exchange
Multiple registers at consecutive addresses can be read or written by extending the access as shown in Figure 6;
bytes are written on the rising SCK clock edge of the eighth bit of each byte.
With the WR/RDn bit set, a simultaneous read/write operation is started. Now, with a multiple byte exchange, it is
possible to both read and write the values of multiple register bytes in one operation.
This is particularly useful with larger M-sequence types where there is limited time available for the SPI exchange.
L6364
SPI Communication
DS13363 - Rev 4
page 12/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com