Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584CX Datasheet(PDF) 144 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 144 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 140Page - STMicroelectronics SPC584CX Datasheet HTML 141Page - STMicroelectronics SPC584CX Datasheet HTML 142Page - STMicroelectronics SPC584CX Datasheet HTML 143Page - STMicroelectronics SPC584CX Datasheet HTML 144Page - STMicroelectronics SPC584CX Datasheet HTML 145Page - STMicroelectronics SPC584CX Datasheet HTML 146Page - STMicroelectronics SPC584CX Datasheet HTML 147Page - STMicroelectronics SPC584CX Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 153 page
background image
Revision history
SPC584Cx, SPC58ECx
144/153
DS11620 Rev 8
24-Mar-2017
3
(cont’d)
Section 4: Package information
: Updated
– Table 65: eTQFP64 package mechanical data
– Figure 47: eTQFP64 package outline
– Table 66: eTQFP100 package mechanical data
Section 5.6: Package thermal characteristics
:
Table 74: Thermal characteristics for 64 exposed pad eTQFP package, Table 75:
Thermal characteristics for 100 exposed pad eTQFP package,Table 76: Thermal
characteristics for 144 exposed pad eTQFP package,Table 77: Thermal
characteristics for 176 exposed pad LQFP package
:
Updated the following parameter values with External and Internal ballast values:
–
RθJA
–
RθJB
–
RθJCtop
–
RθJCbottom
–
ΨJT
Removed parameter “
RθJMA”
Table 78: Thermal characteristics for 292-pin FPBGA:
External ballast value updated for the following parameters:
–
RθJA
–
RθJB
–
RθJC
–
ΨJT
Removed parameter “
RθJMA”.
Chapter 5: Ordering information
:
Figure 64: Commercial product scheme
:
– Core option “4” updated from “Single computing e200z4 core” to “Single
computing e200z4 core(CPU_2)”
– Core option “E” updated from “Dual computing e200z4 core” to “Dual computing
e200z4 core(CPU_2+CPU_0)”
Added new tables:
– Table 79: Code Flash Options FOTA (KByte)
– Table 81: RAM options
Changed Microsoft Excel® workbook attached to this document (was
SPC584Cx_SPC58ECx_IO_Definition_v5.xlsx dated 14 April 2016).
For details, refer to the sheet Revision History of the attached file
“SSPC584Cx_SPC58ECx_IO_Definition_v6.xlsx”.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com