Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584CX Datasheet(PDF) 147 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 147 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 143Page - STMicroelectronics SPC584CX Datasheet HTML 144Page - STMicroelectronics SPC584CX Datasheet HTML 145Page - STMicroelectronics SPC584CX Datasheet HTML 146Page - STMicroelectronics SPC584CX Datasheet HTML 147Page - STMicroelectronics SPC584CX Datasheet HTML 148Page - STMicroelectronics SPC584CX Datasheet HTML 149Page - STMicroelectronics SPC584CX Datasheet HTML 150Page - STMicroelectronics SPC584CX Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 153 page
background image
DS11620 Rev 8
147/153
SPC584Cx, SPC58ECx
Revision history
152
04-Feb-2018
4 (Cont’)
Table 46: DSPI channel frequency support
: Added DSPI_5 to lower frequency and
removed it from higher frequency
Table 65: eTQFP64 package mechanical data
: Removed
θ, θ1, θ2, θ3
Table 69: FPBGA292 package mechanical data
: updated Amax formula in table
footnote 2
Figure 64: Commercial product scheme
:
– Removed Packing option R
– Set Y as example
Packing option X: Replaced “90°” by “(pin 1 top right)”
Table 81: RAM options
: Updated some values of SPC58EC80 and SPC4C80
devices
25-Sep-2018
5
Following are the changes in this version of the Datasheet:
Section 4.7: Device consumption
Table 9: Device consumption
:
– Updated all maximum values for IDDSTBY8, IDDSTBY32 and IDDSTBY256 parameters
– Updated table footnote 4
Section 3.10: PLLs
Table 20: PLL0 electrical characteristics
: The maximum value of fPLL0PHI0 is
changed from “400” to “FSYS” with a footnote.
Section 4.11: Oscillators
Table 22: External 40 MHz oscillator electrical specifications
: table footnote 1
updated:
“DCF clients XOSC_LF_EN and XOSC_EN_40MHZ” changed by
“XOSC_FREQ_SEL”
Section 4.12: ADC system
Table 28: ADC-Comparator electrical specification
:
Added “ADC comparator mode” condition to the following two parameters:
IADCREFH Min: - and Max: 19.5 µA
IADCREFL Min: - and Max: 20.5 µA
Section 4.14: LFAST pad electrical characteristics
Updated Figure 9: LFAST LVDS timing definition
Section 4.15: Power management
Table 34: External components integration
: Added “2SCR574D” to “QEXT”
parameter.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com