Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584CX Datasheet(PDF) 149 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 149 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 145Page - STMicroelectronics SPC584CX Datasheet HTML 146Page - STMicroelectronics SPC584CX Datasheet HTML 147Page - STMicroelectronics SPC584CX Datasheet HTML 148Page - STMicroelectronics SPC584CX Datasheet HTML 149Page - STMicroelectronics SPC584CX Datasheet HTML 150Page - STMicroelectronics SPC584CX Datasheet HTML 151Page - STMicroelectronics SPC584CX Datasheet HTML 152Page - STMicroelectronics SPC584CX Datasheet HTML 153Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 149 / 153 page
background image
DS11620 Rev 8
149/153
SPC584Cx, SPC58ECx
Revision history
152
16-Jun-2020
6
Section 4.10: PLLs
Section 4.10.1: PLL0
:
Table 20: PLL0 electrical characteristics
:
– Changed condition from T to D for
|ΔPLL0PHI1SPJ|, ΔPLL0LTJ and IPLL0.
– Updated Max value for fPLL0PHI0 symbol and removed the footnote.
Section 4.10.2: PLL1
:
Table 21: PLL1 electrical characteristics
: changed condition from T to D for IPLL1
Section 4.11: Oscillators
Section :
:
Table 24: Internal RC oscillator electrical specifications
:
– Updated 1.
– Updated Max value for IFIRC.
Section 4.12: ADC system
:
Section 4.12.1: ADC input description
Figure 8: Input equivalent circuit (Fast SARn and SARB channels)
: added
parameter “CEXT: external capacitance” and component to scheme.
Table 26: ADC pin specification
: added row for symbol “CEXT / SR”.
Section 4.14: LFAST pad electrical characteristics
Section 4.14.2: LFAST LVDS interface electrical characteristics
:
Table 30: LVDS pad startup and receiver electrical characteristics
– Removed the last sentence of Note “Total internal capacitance...”.
– Move table footnote 1. and 2. from table title to “Symbol”.
Table 31: LFAST transmitter electrical characteristics
– Move table footnote 1., 2. and 3. from table title to “Symbol”.
Table 32: LFAST PLL electrical characteristics
– Move table footnote 1. from table title to “Symbol”.
Section 4.15: Power management
Section 4.15.1: Power management integration
:
Table 34: External components integration
:
– Updated Conditions for CBV.
– Updated notes content and numbering
– Updated Min value for RE
– Updated Typ value for CLVN
– Added note 2 for CFLA
– Added note 6 for CADC
– Updated Min value for RB
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com