Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584CX Datasheet(PDF) 151 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 151 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 145Page - STMicroelectronics SPC584CX Datasheet HTML 146Page - STMicroelectronics SPC584CX Datasheet HTML 147Page - STMicroelectronics SPC584CX Datasheet HTML 148Page - STMicroelectronics SPC584CX Datasheet HTML 149Page - STMicroelectronics SPC584CX Datasheet HTML 150Page - STMicroelectronics SPC584CX Datasheet HTML 151Page - STMicroelectronics SPC584CX Datasheet HTML 152Page - STMicroelectronics SPC584CX Datasheet HTML 153Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 151 / 153 page
background image
DS11620 Rev 8
151/153
SPC584Cx, SPC58ECx
Revision history
152
16-Jun-2020
6
(cont’d)
Added Figure 54: eTQFP100 leadframe pad design
Added Table 68: eTQFP100 symbol definitions
Section 5.3: eTQFP144 package information
Updated Figure 55: eTQFP144 package outline
Added Figure 56: eTQFP144 section A-A
Added Figure 57: eTQFP144 section B-B
Table 69: eTQFP144 package mechanical data
: updated table, notes content and
numbering.
Moved notes to new section Section 5.3.1: Package mechanical drawings and data
information
:
Added Figure 58: eTQFP144 leadframe pad design
Added Table 70: eTQFP144 symbol definitions
Section 5.4: eLQFP176 package information
:
Updated Figure 59: eLQFP176 package outline
Added Figure 60: eLQFP176 section A-A
Added Figure 61: eLQFP176 section B-B
Table 71: eLQFP176 package mechanical data
: updated table, notes and
numbering.
Moved notes to new section Section 5.4.1: Package mechanical drawings and data
information
Added Figure 62: eLQFP176 leadframe pad design
Added Table 72: eLQFP176 symbol definitions
Section 5.5: FPBGA292 package information
Updated Figure 63: FPBGA292 package outline
Table 73: FPBGA292 package mechanical data
: updated table and notes.
Moved notes to new section Section 5.5.1: Package mechanical drawings and data
information
Section 5.6: Package thermal characteristics
Table 74: Thermal characteristics for 64 exposed pad eTQFP package
: updated
values for
RθJA, RθJB, RθJCtop and ΨJT.
Table 75: Thermal characteristics for 100 exposed pad eTQFP package
: updated
values.
Table 76: Thermal characteristics for 144 exposed pad eTQFP package
: updated
values.
Table 77: Thermal characteristics for 176 exposed pad LQFP package
:
–
RθJA, RθJCtop,RθJB, RθJCbottom updated value.
–
ΨJT updated Conditions and value.
Section 5.6.5: FPBGA292
: updated package name.
Table 78: Thermal characteristics for 292-pin FPBGA
: updated values.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com