Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584CX Datasheet(PDF) 146 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 146 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 142Page - STMicroelectronics SPC584CX Datasheet HTML 143Page - STMicroelectronics SPC584CX Datasheet HTML 144Page - STMicroelectronics SPC584CX Datasheet HTML 145Page - STMicroelectronics SPC584CX Datasheet HTML 146Page - STMicroelectronics SPC584CX Datasheet HTML 147Page - STMicroelectronics SPC584CX Datasheet HTML 148Page - STMicroelectronics SPC584CX Datasheet HTML 149Page - STMicroelectronics SPC584CX Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 153 page
background image
Revision history
SPC584Cx, SPC58ECx
146/153
DS11620 Rev 8
04-Feb-2018
4 (Cont’)
Table 22: External 40 MHz oscillator electrical specifications
:
Changed table footnote 3 by: This value is determined by the crystal manufacturer
and board design, and it can potentially be higher than the maximum provided.
Table 23: 32 kHz External Slow Oscillator electrical specifications
: Updated the
parameter symbols and added “CC” to Tsxosc.
Table 26: ADC pin specification
:
– Updated Max value for CS and CP2
– Added electrical specification for R20KΩ symbol
– Changed Max value = 1 by 2 for Cp2 SARB channels
Table 27: SARn ADC electrical specification
:
– Added symbols tADCINIT and tADCBIASINIT
– Column “C” splitted and added “D” for IADV_S
Table 28: ADC-Comparator electrical specification
:
– Added new parameter “tADCINITSBY”.
– Set min = 5/fADCK µs with footnote “In case the ADC is used as Fast Comparator
the sampling time is tADCSAMPLE = 2/fADCK”
– Set min = 6/fADCK for ADC comparator mode, at symbol tADCSAMPLE
– Column “C” splitted and added “D” for IADV_S
Section 4.14: LFAST pad electrical characteristics
: Introduction paragraph:
– 1st sentence: hidden text “both the SIPI and”
– all 2nd sentence hidden: “The same LVDS.. tables”
Figure 9: LFAST LVDS timing definition
: Added conditional tag to hide:
– 400 mV p-p (MSC/DSPI)
– 0.50 * T (MSC/DSPI)
– (MSC/DSPI)
Figure 17: Voltage monitor threshold definition
: Right blue line adjusted on the top
figure
Section 4.15.1: Power management integration
: added sentence “It is
recommended...device itself” for all devices
Table 35: Linear regulator specifications
: updated values for symbol “
ΔIDDMREG”
Table 34: External components integration
: Updated Min and Max values at symbol
CE to 1.1 and 3.0 respectively
Table 40: Wait State configuration
: Updated this table by adding APC parameter
and frequency ranges
Section 4.17.5: CAN timing
: added section
Table 57: TxEN output characteristics
: added table footnote “Pad configured as
VERY STRONG.
Table 58: TxD output characteristics
: changed note 3 to apply to the whole table
Table 60: CAN timing
: added columns for “CC” and “D”
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com