Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV02K-W1 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST25DV02K-W1
Description  Dynamic NFC/RFID tag IC with up to two PWM outputs and 2-Kbit EEPROM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV02K-W1 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST25DV02K-W1 Datasheet HTML 66Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 67Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 68Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 69Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 70Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 71Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 72Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 73Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
ST25DV02K-W1/2 8-pin package connections .............................................. 3
Figure 3.
Power-up/down sequence ............................................................ 5
Figure 4.
RF power-up sequence .............................................................. 6
Figure 5.
Memory organization ................................................................ 7
Figure 6.
PWM output ..................................................................... 15
Figure 7.
PWM output change ............................................................... 16
Figure 8.
PWM answer .................................................................... 17
Figure 9.
PWM output change ............................................................... 18
Figure 10.
Security sessions management ....................................................... 24
Figure 11.
ST25DV02K-W1/2 protocol timing ...................................................... 29
Figure 12.
Device state transition diagram ........................................................ 30
Figure 13.
Stay Quiet frame exchange between VCD and ST25DV02K-W1/2 ............................... 37
Figure 14.
Read Single Block frame exchange between VCD and ST25DV02K-W1/2 .......................... 38
Figure 15.
Write Single Block frame exchange between VCD and ST25DV02K-W1/2 .......................... 39
Figure 16.
Lock single block frame exchange between VCD and ST25DV02K-W1/2 ........................... 40
Figure 17.
Read Multiple Block frame exchange between VCD and ST25DV02K-W1/2 ......................... 42
Figure 18.
Select frame exchange between VCD and ST25DV02K-W1/2 .................................. 43
Figure 19.
Reset to Ready frame exchange between VCD and ST25DV02K-W1/2 ............................ 44
Figure 20.
Write AFI frame exchange between VCD and ST25DV02K-W1/2 ................................ 45
Figure 21.
Lock AFI frame exchange between VCD and ST25DV02K-W1/2................................. 46
Figure 22.
Write DSFID frame exchange between VCD and ST25DV02K-W1/2 .............................. 47
Figure 23.
Lock DSFID frame exchange between VCD and ST25DV02K-W1/2 .............................. 48
Figure 24.
Get System Info frame exchange between VCD and ST25DV02K-W1/2 ........................... 49
Figure 25.
Get Multiple Block Security Status frame exchange between VCD and ST25DV02K-W1/2 ............... 51
Figure 26.
Read Configuration frame exchange between VCD and ST25DV02K-W1/2 ......................... 52
Figure 27.
Write Configuration frame exchange between VCD and ST25DV02K-W1/2 ......................... 53
Figure 28.
Write Password frame exchange between VCD and ST25DV02K-W1/2 ............................ 54
Figure 29.
Present Password frame exchange between VCD and ST25DV02K-W1/2 .......................... 56
Figure 30.
Variation of Typical values of RON, depending on VCC and PWM_CFG/PWMx_DRIVE @ maximum temperature
.............................................................................. 61
Figure 31.
SO8N – 8 lead, 4.9 x 6 mm, plastic small outline, 150 mils body width, package outline ................. 62
Figure 32.
TSSOP8 – 8 lead thin shrink small outline, 3 x 6.4 mm, 0.65 mm pitch, package outline ................ 63
ST25DV02K-W1 ST25DV02K-W2
List of figures
DS12114 - Rev 6
page 73/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com