Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV02K-W1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25DV02K-W1
Description  Dynamic NFC/RFID tag IC with up to two PWM outputs and 2-Kbit EEPROM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV02K-W1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25DV02K-W1 Datasheet HTML 17Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 18Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 19Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 20Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 21Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 22Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 23Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 24Page - STMicroelectronics ST25DV02K-W1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Table 21. LOCK_CFG access
RF
Command
Type
Read Configuration (cmd code A0h) @04h
Write Configuration (cmd code A1h) @04h
R always
W if configuration security session is open and configuration not locked
Table 22. LOCK_CFG
Bit
Name
Function
Factory Value
b0
LOCK_CFG
Lock configuration register:
0: Configuration registers are unlocked
1: Configuration registers are permanently locked in write.
It only concerns configuration registers accessible by Write_Config command.
Passwords, AFI, DSFID, Block lock, AFI lock & DSFID lock are not concerned
by this mechanism.
0b
b7-b1
RFU
-
0000000b
Table 23. LOCK_BLOCK of AREA0/1/2 and PWM_CTRL access
RF
Command
Type
Read Block (cmd code 20h) @Block addr
Read Multi Block (cmd code 23h) @Block addr
Get Multi Block Security Status (cmd code 2Ch) @Block addr
Lock single Block (cmd code 22h) @Block addr
R always
W only if corresponding Block is not locked
Table 24. LOCK_BLOCK of AREA0/1/2 and PWM_CTRL
Bit
Name
Function
Factory Value
N/A
LOCK_BLOCK
Lock write access of corresponding block:
0: Block not locked in Write
1: Block permanently locked in write
0b
ST25DV02K-W1 ST25DV02K-W2
Data protection
DS12114 - Rev 6
page 21/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com