Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051X4 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32F051X4
Description  ARM®-based 32-bit MCU, 16 to 64 KB Flash, 11 timers, ADC, DAC and communication interfaces, 2.0-3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051X4 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F051X4 Datasheet HTML 47Page - STMicroelectronics STM32F051X4 Datasheet HTML 48Page - STMicroelectronics STM32F051X4 Datasheet HTML 49Page - STMicroelectronics STM32F051X4 Datasheet HTML 50Page - STMicroelectronics STM32F051X4 Datasheet HTML 51Page - STMicroelectronics STM32F051X4 Datasheet HTML 52Page - STMicroelectronics STM32F051X4 Datasheet HTML 53Page - STMicroelectronics STM32F051X4 Datasheet HTML 54Page - STMicroelectronics STM32F051X4 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 122 page
background image
DocID022265 Rev 7
51/122
STM32F051x4 STM32F051x6 STM32F051x8
Electrical characteristics
90
IDD
Supply
current in
Sleep
mode
HSE
bypass,
PLL on
48 MHz 14.0 15.3(2)
15.3
16.0(2)
2.8
3.0(2)
3.0
3.2(2)
mA
32 MHz 9.5
10.2
10.2
10.7
2.0
2.1
2.1
2.3
24 MHz 7.3
7.8
7.8
8.3
1.5
1.7
1.7
1.9
HSE
bypass,
PLL off
8 MHz
2.6
2.9
2.9
3.0
0.6
0.8
0.8
0.8
1 MHz
0.4
0.6
0.6
0.6
0.2
0.4
0.4
0.4
HSI clock,
PLL on
48 MHz 14.0
15.3
15.3
16.0
3.8
4.0
4.1
4.2
32 MHz 9.5
10.2
10.2
10.7
2.6
2.7
2.8
2.8
24 MHz 7.3
7.8
7.8
8.3
2.0
2.1
2.1
2.1
HSI clock,
PLL off
8 MHz
2.6
2.9
2.9
3.0
0.6
0.8
0.8
0.8
1. Data based on characterization results, not tested in production unless otherwise specified.
2. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).
Table 25. Typical and maximum current consumption from VDD at 3.6 V (continued)
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA
(1)
Typ
Max @ TA
(1)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C
Table 26. Typical and maximum current consumption from the VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDDA
Supply
current in
Run or
Sleep
mode,
code
executing
from Flash
memory or
RAM
HSE
bypass,
PLL on
48 MHz
150
170(3)
178
182(3)
164
183(3)
195
198(3)
µA
32 MHz
104
121
126
128
113
129
135
138
24 MHz
82
96
100
103
88
102
106
108
HSE
bypass,
PLL off
8 MHz
2.0
2.7
3.1
3.3
3.5
3.8
4.1
4.4
1 MHz
2.0
2.7
3.1
3.3
3.5
3.8
4.1
4.4
HSI clock,
PLL on
48 MHz
220
240
248
252
244
263
275
278
32 MHz
174
191
196
198
193
209
215
218
24 MHz
152
167
173
174
168
183
190
192
HSI clock,
PLL off
8 MHz
72
79
82
83
83.5
91
94
95
1. Current consumption from the VDDA supply is independent of whether the digital peripherals are enabled or disabled, being
in Run or Sleep mode or executing from Flash memory or RAM. Furthermore, when the PLL is off, IDDA is independent of
clock frequencies.
2. Data based on characterization results, not tested in production unless otherwise specified.
3. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com