Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051X4 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32F051X4
Description  ARM®-based 32-bit MCU, 16 to 64 KB Flash, 11 timers, ADC, DAC and communication interfaces, 2.0-3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051X4 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32F051X4 Datasheet HTML 32Page - STMicroelectronics STM32F051X4 Datasheet HTML 33Page - STMicroelectronics STM32F051X4 Datasheet HTML 34Page - STMicroelectronics STM32F051X4 Datasheet HTML 35Page - STMicroelectronics STM32F051X4 Datasheet HTML 36Page - STMicroelectronics STM32F051X4 Datasheet HTML 37Page - STMicroelectronics STM32F051X4 Datasheet HTML 38Page - STMicroelectronics STM32F051X4 Datasheet HTML 39Page - STMicroelectronics STM32F051X4 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 122 page
background image
Pinouts and pin descriptions
STM32F051x4 STM32F051x6 STM32F051x8
36/122
DocID022265 Rev 7
58 D3 42 C4 29 29
PB6
I/O
FTf
-
I2C1_SCL,
USART1_TX,
TIM16_CH1N,
TSC_G5_IO3
-
59 C3 43 A4 30 30
PB7
I/O
FTf
-
I2C1_SDA,
USART1_RX,
TIM17_CH1N,
TSC_G5_IO4
-
60 B4 44 B4 31 31
BOOT0
I
B
-
Boot memory selection
61 B3 45
-
-
32
PB8
I/O
FTf
(4)(5)
I2C1_SCL,
CEC,
TIM16_CH1,
TSC_SYNC
-
62 A3 46
-
-
-
PB9
I/O
FTf
(5)
I2C1_SDA,
IR_OUT,
TIM17_CH1,
EVENTOUT
-
63 D5 47 D6 32
0
VSS
S
-
-
Ground
64 E5 48 A5
1
1
VDD
S
-
-
Digital power supply
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After the first RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content
of the RTC registers which are not reset by the main reset. For details on how to manage these GPIOs, refer to the RTC
domain and RTC register descriptions in the reference manual.
3. Distinct VSSA pin is only available on packages with 48 and more pins. For all other packages, the pin number corresponds
to the VSS pin to which VSSA pad of the silicon die is connected.
4. On the LQFP32 package, PB2 and PB8 must be set to defined levels by software, as their corresponding pads on the
silicon die are left unconnected. Apply the same recommendations as for unconnected pins.
5. On the WLCSP36 package, PB8, PB9, PB10, PB11, PB12, PB13, PB14 and PB15 must be set to defined levels by
software, as their corresponding pads on the silicon die are left unconnected. Apply the same recommendations as for
unconnected pins.
6. After reset, these pins are configured as SWDIO and SWCLK alternate functions, and the internal pull-up on the SWDIO pin
and the internal pull-down on the SWCLK pin are activated.
Table 13. Pin definitions (continued)
Pin number
Pin name
(function upon
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com