Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C2 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM8L151C2
Description  8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C2 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM8L151C2 Datasheet HTML 80Page - STMicroelectronics STM8L151C2 Datasheet HTML 81Page - STMicroelectronics STM8L151C2 Datasheet HTML 82Page - STMicroelectronics STM8L151C2 Datasheet HTML 83Page - STMicroelectronics STM8L151C2 Datasheet HTML 84Page - STMicroelectronics STM8L151C2 Datasheet HTML 85Page - STMicroelectronics STM8L151C2 Datasheet HTML 86Page - STMicroelectronics STM8L151C2 Datasheet HTML 87Page - STMicroelectronics STM8L151C2 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 123 page
background image
Electrical parameters
STM8L151x2, STM8L151x3
84/123
DS7204 Rev 11
Figure 24. Typ. VOL @ VDD = 3.0 V (high sink
ports)
Figure 25. Typ. VOL @ VDD = 1.8 V (high sink
ports)
0
0.25
0.5
0.75
1
0
2
4
6
8
101214
161820
IOL [mA]
-40°C
25°C
90°C
130°C
ai18226
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01
23
456
7
8
IOL [mA]
-40°C
25°C
90°C
130°C
ai18227
Figure 26. Typ. VOL @ VDD = 3.0 V (true open
drain ports)
Figure 27. Typ. VOL @ VDD = 1.8 V (true open
drain ports)
ai18228
0
0.1
0.2
0.3
0.4
0.5
01
23
45
67
IOL [mA]
-40°C
25°C
90°C
130°C
0
0.1
0.2
0.3
0.4
0.5
01
23
45
67
IOL [mA]
-40°C
25°C
90°C
130°C
ai18229
Figure 28. Typ. VDD - VOH @ VDD = 3.0 V (high
sink ports)
Figure 29. Typ. VDD - VOH @ VDD = 1.8 V (high
sink ports)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
2
4
6
8
10
12
14
16
18
20
IOH [mA]
-40°C
25°C
90°C
130°C
ai12830
0
0.1
0.2
0.3
0.4
0.5
01
2345
67
IOH [mA]
-40°C
25°C
90°C
130°C
ai18231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com