Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C2 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8L151C2
Description  8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C2 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8L151C2 Datasheet HTML 23Page - STMicroelectronics STM8L151C2 Datasheet HTML 24Page - STMicroelectronics STM8L151C2 Datasheet HTML 25Page - STMicroelectronics STM8L151C2 Datasheet HTML 26Page - STMicroelectronics STM8L151C2 Datasheet HTML 27Page - STMicroelectronics STM8L151C2 Datasheet HTML 28Page - STMicroelectronics STM8L151C2 Datasheet HTML 29Page - STMicroelectronics STM8L151C2 Datasheet HTML 30Page - STMicroelectronics STM8L151C2 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 123 page
background image
DS7204 Rev 11
27/123
STM8L151x2, STM8L151x3
Pinout and pin description
49
Table 3. Legend/abbreviation for table 4
Type
I= input, O = output, S = power supply
Level
Output
HS = high sink/source (20 mA)
FT
Five-volt tolerant
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase (i.e.
“under reset”) and after internal reset release (i.e. at reset state).
Table 4. Low-density STM8L151x2/3 pin description
Pin number
Pin name
Input
Output
Default alternate
function
2
111
4 NRST/PA1(1)
I/O
-
-
X
-HS
-
X Reset
PA1
3
222
5
PA2/OSC_IN/
[USART_TX](2)/
[SPI_MISO] (2)
I/O
-
X
XX
HS
X
X Port A2
HSE oscillator input /
[USART transmit] / [SPI
master in- slave out] /
4
333
6
PA3/OSC_OUT/[USA
RT_RX](2)/[SPI_MOSI
](2)
I/O
-
X
XX
HS
X
X Port A3
HSE oscillator output /
[USART receive]/ [SPI
master out/slave in]/
54
4
-
-
PA4/TIM2_BKIN/
[TIM2_ETR](2)
ADC1_IN2/
COMP1_INP
I/O
-
X
XX
HS
X
X Port A4
Timer 2 - break input /
[Timer 2 - external
trigger] /ADC1 input 2/
Comparator1 positive
input
65
5
-
-
PA5/TIM3_BKIN/
[TIM3_ETR](2)/
ADC1_IN1/
COMP1_INP
I/O
-
X
XX
HS
X
X Port A5
Timer 3 - break input /
[Timer 3 - external
trigger] /ADC1input 1/
Comparator1 positive
input
76
-
-
-
PA6/ADC1_TRIG/
ADC1_IN0/
COMP1_INP
I/O
-
X
XX
HS
X
X Port A6
ADC1- trigger
/ADC1input 0/
Comparator1 positive
input
8-
-
-
- PA7
I/O
-
X
XX
HS
X
X Port A7
-
24 13 12
7
10
PB0(3)/TIM2_CH1/
ADC1_IN18/
COMP1_INP
I/O
-
X
XX
HS
X
X Port B0
Timer 2 - channel 1 /
ADC1_IN18/
Comparator1 positive
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com