Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30M06S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH30M06S
Description  600 V, 30 A ultrafast high voltage diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30M06S Datasheet(HTML) 4 Page - STMicroelectronics

  STTH30M06S Datasheet HTML 1Page - STMicroelectronics STTH30M06S Datasheet HTML 2Page - STMicroelectronics STTH30M06S Datasheet HTML 3Page - STMicroelectronics STTH30M06S Datasheet HTML 4Page - STMicroelectronics STTH30M06S Datasheet HTML 5Page - STMicroelectronics STTH30M06S Datasheet HTML 6Page - STMicroelectronics STTH30M06S Datasheet HTML 7Page - STMicroelectronics STTH30M06S Datasheet HTML 8Page - STMicroelectronics STTH30M06S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (square waveform)
0
10
20
30
40
50
60
70
80
90
100
110
0
8
16
24
32
40
PF(AV)(W)
IF(AV)(A)
= 0.05
= 0.2
= 0.1
= 0.
=1
T
=tp/T
tp
Figure 2. Forward voltage drop versus forward current
(typical values)
0.1
1.0
10.0
100.0
1000.0
0.0
1.0
2.0
3.0
4.0
5.0
T j = 25 °C
Tj = 150 °C
I
F(A)
V
F(V)
Figure 3. Forward voltage drop versus forward current
(maximum values)
0.1
1.0
10.0
100.0
1000.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
T j = 25 °C
Tj = 150 °C
I
F(A)
V
F(V)
Figure 4. Relative variation of thermal impedance,
junction to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-c) / Rth(j-c)
t
p(s)
TO-3PF
Single pulse
Figure 5. Peak reverse recovery current versus dIF/dt
(typical values)
0
4
8
12
16
0
50
100
150
200
250
300
350
400
450
500
I
RM(A)
V
R = 400 V
T
j = 125 °C
I
F = IF(AV)
dIF/dt(A/µs)
Figure 6. Reverse recovery time versus dIF/dt (typical
values)
0
30
60
90
120
0
50
100
150
200
250
300
350
400
450
500
trr (ns)
dIF/dt(A/µs)
V
R = 400 V
T
j = 125 °C
I
F = IF(AV)
STTH30M06S
Characteristics (curves)
DS13736 - Rev 2
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com