Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30M06S Datasheet (PDF) - STMicroelectronics

Part # STTH30M06S
Description  600 V, 30 A ultrafast high voltage diode
File Size   208.96 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30M06S Datasheet (PDF) - STMicroelectronics



Similar Part No. - STTH30M06S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
119Kb / 10P
Ultrafast recovery diode
03-May-2006
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
More results


Similar Description - STTH30M06S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
60 A, 600 V Ultrafast Diode
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
30 A, 600 V, Ultrafast ll Diode
Rev erse
logo
STMicroelectronics
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y_V01 Datasheet
300Kb / 13P
Automotive 600 V, 30 A low drop ultrafast diode
October 2020
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
STTH60RQ06CWL STMICROELECTRONICS-STTH60RQ06CWL Datasheet
377Kb / 11P
600 V, 2 X 30 A ultrafast high voltage rectifier
07-Feb-2023
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com