Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84C3 Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPC58EE84C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84C3 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPC58EE84C3 Datasheet HTML 104Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 105Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 106Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 107Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 108Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 109Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 110Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 111Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
108/154
DS11646 Rev 4
Figure 32. DSPI PCS strobe (PCSS) timing (master mode)
3.18.2.1.3 DSPI LVDS master mode – modified timing
PCSx
PCSS
tPCSC
tPASC
Table 57. DSPI LVDS master timing — full duplex — modified transfer format
(MTFE = 1), CPHA = 0 or 1
#
Symbol C Characteristic
Condition
Value(1)
Unit
Pad drive
Load
Min
Max
1tSCK CC D SCK cycle time
LVDS
15 pF
to 25 pF
differential(2)
30.0
—
ns
2tCSC CC D
PCS to SCK
delay
(LVDS SCK)
PCS drive strength
Very strong
25 pF
(N(3) ×tSYS(4))–
10
—ns
Strong
50 pF
(N(3) ×tSYS(4))–
10
—ns
Medium
50 pF
(N(3) ×tSYS(4))–
32
—ns
3tASC CC D
After SCK delay
(LVDS SCK)
Very strong
PCS = 0 pF
SCK = 25 pF
(M(5) ×tSYS(4))–
8
—ns
Strong
PCS = 0 pF
SCK = 25 pF
(M(5) ×tSYS(4))–
8
—ns
Medium
PCS = 0 pF
SCK = 25 pF
(M(5) ×tSYS(4))–
8
—ns
4tSDC CC D
SCK duty
cycle(6)
LVDS
15 pF
to 25 pF
differential
1/2tSCK –2
1/2tSCK +2
ns
7tSUI CC D
SIN setup time
SIN setup time
to SCK
CPHA = 0(7)
SCK drive strength
LVDS
15 pF
to 25 pF
differential
23 –
(P(8) ×tSYS(4))
—ns
SIN setup time
to SCK
CPHA = 1(7)
SCK drive strength
LVDS
15 pF
to 25 pF
differential
23
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com