Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84C3 Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPC58EE84C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84C3 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPC58EE84C3 Datasheet HTML 105Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 106Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 107Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 108Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 109Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 110Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 111Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 112Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 154 page
background image
DS11646 Rev 4
109/154
SPC58EEx, SPC58NEx
Electrical characteristics
128
8tHI CC D
SIN Hold Time
SIN hold time
from SCK
CPHA = 0(7)
SCK drive strength
LVDS
0pF
differential
–
1+(P(8) ×tSYS(4))
—ns
SIN hold time
from SCK
CPHA = 1(7)
SCK drive strength
LVDS
0pF
differential
–1
—
ns
9tSUO CC D
SOUT data valid time (after SCK edge)
SOUT data valid
time from SCK
CPHA = 0(9)
SOUT and SCK drive strength
LVDS
15 pF
to 25 pF
differential
—7.0 + tSYS(4)
ns
SOUT data valid
time from SCK
CPHA = 1(9)
SOUT and SCK drive strength
LVDS
15 pF
to 25 pF
differential
—7.0
ns
10 tHO CC D
SOUT data hold time (after SCK edge)
SOUT data hold
time after SCK
CPHA = 0(9)
SOUT and SCK drive strength
LVDS
15 pF
to 25 pF
differential
–7.5 + tSYS(4)
—ns
SOUT data hold
time after SCK
CPHA = 1(9)
SOUT and SCK drive strength
LVDS
15 pF
to 25 pF
differential
–7.5
—
ns
1. All timing values for output signals in this table are measured to 50% of the output voltage.
2. LVDS differential load considered is the capacitance on each terminal of the differential pair, as shown in Figure 12.
3. N is the number of clock cycles added to time between PCS assertion and SCK assertion and is software programmable
using DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK]. The minimum value is 2 cycles unless TSB mode or Continuous
SCK clock mode is selected, in which case, N is automatically set to 0 clock cycles (PCS and SCK are driven by the same
edge of DSPI_CLKn).
4. tSYS is the period of DSPI_CLKn clock, the input clock to the DSPI module. Maximum frequency is 100 MHz (min
tSYS =10 ns).
5. M is the number of clock cycles added to time between SCK negation and PCS negation and is software programmable
using DSPI_CTARx[PASC] and DSPI_CTARx[ASC]. The minimum value is 2 cycles unless TSB mode or Continuous SCK
clock mode is selected, in which case, M is automatically set to 0 clock cycles (PCS and SCK are driven by the same edge
of DSPI_CLKn).
6. tSDC is only valid for even divide ratios. For odd divide ratios the fundamental duty cycle is not 50:50. For these odd divide
ratios cases, the absolute spec number is applied as jitter/uncertainty to the nominal high time and low time.
7. Input timing assumes an input slew rate of 1 ns (10% – 90%) and LVDS differential voltage = ±100 mV.
8. P is the number of clock cycles added to delay the DSPI input sample point and is software programmable using
DSPI_MCR[SMPL_PT]. The value must be 0, 1 or 2. If the baud rate divide ratio is /2 or /3, this value is automatically set to
1.
Table 57. DSPI LVDS master timing — full duplex — modified transfer format
(MTFE = 1), CPHA = 0 or 1 (continued)
#
Symbol C Characteristic
Condition
Value(1)
Unit
Pad drive
Load
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com