Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST25DV04K_V01 Datasheet HTML 86Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 87Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 88Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 89Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 90Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 91Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 92Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 93Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 200 page
background image
Figure 38. Extended Write Single frame exchange between VCD and ST25DVxxx
SOF
Extended Write
Single request
VCD
EOF
ST25DVxxx
t1
SOF
Extended Write
Single response
EOF
SOF
Extended Write
Single response
EOF
ST25DVxxx
Wt
Write sequence
when error
7.6.10
Lock Block
On receiving the Lock block request, the ST25DVxxx locks the single block value permanently and protects its
content against new writing.
This command is only applicable for the blocks 0 and 1 which may include a CC file.
For a global protection of a area, update accordingly the RFAiSS bits in the system area. The Option_flag is
supported, when set wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the ST25DVxxx
may not lock correctly the single block value in memory. The Wt time is equal to t1nom + N × 302 µs (N is an
integer).
Table 119. Lock block request format
Request SOF
Request_flags
Lock block
UID (1)
block number
CR7C16
Request EOF
-
8 bits
22h
64 bits
8 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request Flags
•
UID (optional)
•
Only block numbers 0 and 1 are allowed to protect the CCFile in case of NDEF (from LSB byte to MSB byte)
Table 120. Lock block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 121. Lock block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 90/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com