Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25DV04K_V01 Datasheet HTML 35Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 36Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 37Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 38Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 39Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 40Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 41Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 42Page - STMicroelectronics ST25DV04K_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 200 page
background image
Table 32. IT_STS_Dyn
Bit
Name
Function
Factory Value
b0
RF_USER
0: Manage GPO reset GPO
1: Manage GPO set GPO
0b
b1
RF_ACTIVITY
0: No RF access
1: RF access
0b
b2
RF_INTERRUPT
0: No Manage GPO interrupt request
1: Manage GPO interrupt request
0b
b3
FIELD_FALLING
0: No RF field falling
1: RF Field falling
0b
b4
FIELD_RISING
0: No RF field rising
1: RF field rising
0b
b5
RF_PUT_MSG
0: No message put by RF in FTM mailbox
1: Message put by RF in FTM mailbox
0b
b6
RF_GET_MSG
0: No message read by RF from FTM mailbox
1: Message read by RF from FTM mailbox, and end of
message has been reached.
0b
b7
RF_WRITE
0: No write in EEPROM
1: Write in EEPROM
0b
Note:
Refer to Table 12. Dynamic registers memory map for the IT_STS_Dyn register.
•
Cumulates all events which generate interruptions. It should be checked by I2C host to know which event
triggered an interrupt on GPO pin.
•
When enabled, RF events are reported in IT_STS_Dyn register even if GPO output is disabled though the
GPO_EN bit.
•
Once read the ITSTS_Dyn register is cleared (set to 00h).
•
At power up, IT_STS_Dyn content is cleared (set to 00h).
•
IT_STS_Dyn is a volatile register. Value is maintained only if at least one of the two power sources is
present (RF field or VCC).
ST25DV04K ST25DV16K ST25DV64K
GPO
DS10925 - Rev 9
page 39/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com