Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84C3 Datasheet(PDF) 125 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 121Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 122Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 123Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 124Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 125Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 126Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 127Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 128Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 147 page
background image
DS12304 Rev 5
125/147
SPC58EHx, SPC58NHx
Package information
126
5.4.1
Package mechanical drawings and data information
The following notes are related to Figure 52 and Table 69:
1.
FPBGA stands for Fine Pitch Plastic Ball Grid Array:
Fine Pitch: e<1 mm pitch
Low Profile: the total profile height (Dim A) is measured from the seating plane to the
top of the component
The maximum total package height is calculated by the following methodology
(tolerance values):
2.
The typical ball diameter before mounting is 0.55mm.
3.
Ref. JEDEC MO_219G_BGA Low Profile, Fine Pitch Ball Grid Array Family, 0.80MM
Pitch (SQ. & RECT.).
4.
The tolerance of position that controls the location of the pattern of balls with respect to
datums A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and
located on true position with respect to datums A and B as defined by e. The axis
perpendicular to datum C of each ball must lie within this tolerance zone.
5.
The tolerance of position that controls the location of the balls within the matrix with
respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and
Table 69. FPBGA386 package mechanical data
Symbol
Dimensions (in millimeter)
Min.
Typ.
Max.
A(1)
——
1.8
A1
0.35
—
—
A2
—
0.50
—
A4
—
—
0.80
D
18.85
19.00
19.15
D1
—
16.80
—
E
18.85
19.00
19.15
E1
—
16.80
—
e
—
0.80
—
b(2)
0.50
0.55
0.60
Z
—
1.10
—
aaa
—
—
0.15
bbb
—
—
0.10
ddd(3)
—
—
0.12
eee(4)
—
—
0.15
fff(5)
—
—
0.08
Amax
A1 TYP
() A2 TYP
() A4 TYP
()
A1
()
2
A2
()
2
A4
()
2
++
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com