Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84C3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 18Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 19Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 20Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 21Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 22Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 23Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 24Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 25Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 147 page
background image
Electrical characteristics
SPC58EHx, SPC58NHx
22/147
DS12304 Rev 5
4.3
Operating conditions
Table 5
describes the operating conditions for the device, and for which all the specifications
in the data sheet are valid, except where explicitly noted. The device operating conditions
must not be exceeded or the functionality of the device is not guaranteed.
Table 5. Operating conditions
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max
FSYS(2)
SR
P
Operating
system clock
frequency(3)
——
—
200
MHz
TA_125 Grade(4)
SR
D
Operating
Ambient
temperature
—
–40
—
125
°C
TJ_125 Grade(4)
SR
P
Junction
temperature
under bias
TA = 125 °C
–40
—
150
°C
TA_105 Grade(4)
SR
D
Ambient
temperature
under bias
—
–40
—
105
°C
TJ_105 Grade(4)
SR
D
Operating
Junction
temperature
TA = 105 °C
–40
—
130
°C
VDD_LV
SR
P
Core supply
voltage(5)
—
1.14
1.20
1.26(6) (7)
V
VDD_HV_IO_MAIN
VDD_HV_IO_EMMC
VDD_HV_IO_ETH0
VDD_HV_IO_ETH1
VDD_HV_FLA
VDD_HV_OSC
SR
P
IO supply
voltage
—
3.0
—
5.5
V
VDD_HV_ADV
SR
P
ADC supply
voltage
—
3.0
—
5.5
V
VSS_HV_ADV-
VSS
SR
D
ADC ground
differential
voltage
—
–25
—
25
mV
VDD_HV_ADR_S
SR
P
SAR ADC
reference
voltage
—
3.0
—
5.5
V
VDD_HV_ADR_S-
VDD_HV_ADV
SR
D
SAR ADC
reference
differential
voltage
——
—
25
mV
VSS_HV_ADR_S
SR
P
SAR ADC
ground
reference
voltage
—VSS_HV_ADV
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com