Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84C3 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 26Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 27Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 28Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 29Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 30Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 31Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 32Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 33Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 147 page
background image
Electrical characteristics
SPC58EHx, SPC58NHx
30/147
DS12304 Rev 5
6. IDD_HV_BCM and IDD_HV_GW consumption measured is averaged in time, by considering non-concurrent peaks from all the
IP contributors (ADCs, FLASH, PADS, PMC, TSENS, Oscillators). Please consider IDD_HV parameter as peak value. IO
consumption contribution may vary, depending on the application loads differences vs the validation board used.
7. BCM use case: two cores running @160 MHz, no lockstep, HSM @80 MHz, INTC enabled, 1 EDMA triggered by ADC,
PLL0 @200 MHz PLL1 @160 MHz, XOSC = 8/40 MHz, FLASH read only 25%, 4 x CAN running @40 MHz data 4 Mbps,
5 x DSPI running @100 MHz data 4 Mbps, 2 EMIOS running @100 MHz - 12 PWM period=3 KHz, 5 x SARADC running
@15 MHz with 23 conversion channels, 10 LIN/UART baud-rate 115200, all other peripherals frozen.
8. Dynamic consumption of one core, including the dedicated I/D-caches and I/D-MEMS contribution.
9. Dynamic consumption of the HSM module, including the dedicated memories, during the execution of Electronic Code
Book crypto algorithm on 1 block of 16 byte of shared RAM.
10. Flash in Low Power. Sysclk at 160 MHz, PLL0_PHI at 160 MHz, XTAL at 40 MHz, FIRC 16 MHz ON, RCOSC1M off.
MCAN: instances: 0, 1, 2, 3, 4, 5, 6 ON (configured but no reception or transmission), Ethernet ON (configured but no
reception or transmission), ADC ON (continuously converting). All others IPs clock-gated.
11. Sysclk = RC16 MHz, RC16 MHz ON, RC1 MHz ON, PLL OFF. All possible peripherals off and clock gated. Flash in power
down mode.
12. The consumption numbers shown here in IDD standby section are considering standby regulator specs, in case of external
regulator mode, the consumption numbers can be higher.
13. STANDBY mode: device configured for minimum consumption, RC16 MHz off, RC1 MHz on.
14. SSWU1 mode adder: FIRC = ON, SSWU clocked at 8 MHz and running over all STANDBY period, ADC off. The total
standby consumption can be obtained by adding this parameter to the IDDSTBY parameter for the selected memory size
and temperature.
15. SSWU2 mode adder: FIRC = ON, SSWU clocked at 8 MHz and running over all STANDBY period, ADC on in continuous
conversion. The total standby consumption can be obtained by adding this parameter to the IDDSTBY parameter for the
selected memory size and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com