Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84C3 Datasheet(PDF) 132 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 128Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 129Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 130Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 131Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 132Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 133Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 134Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 135Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 147 page
background image
Ordering information
SPC58EHx, SPC58NHx
132/147
DS12304 Rev 5
6
Ordering information
Figure 53. Ordering information scheme
Memory
Core Product
Package
92
N
H
C3
Example code:
Product identifier
R
SPC58
EH
Freq.&T.
X
Silicon
X
Packing
Custom
Security
version
revision
Y= Tray
X = Tape and Reel (pin 1 top right)
0=1st version
1=2nd version
C = HSM medium
E = HSM full
H = HSM medium, ASIL-D
I = HSM full, ASIL-D
0 = 16x ISO CAN FD, Flexray, 1x100 Mb
Eth
T = 2x100 Mb Eth
G(a) = 1x1 Gb Eth, 1x100 Mb Eth
E = 1x100 Mb Eth, eMMC(b), HyperBus
P = 2x100 Mb Eth, eMMC(b), HyperBus
M(a) = 1x1 Gb Eth, 1x100 Mb Eth,
eMMC(b), HyperBus
F = 160 MHz at 105 oC
H = 200 MHz at 105 oC
P = 160 MHz at 125 oC
R = 200 MHz at 125 oC
E5 = eTQFP144
E7 = eLQFP176
C3 = FPBGA302
C5 = FPBGA386
84 = 6 MB
90 = 8 MB
92 = 10 MB
H = SPC58xHx family
N = Triple computing e200z4 core
(CPU_2 + CPU_1 + CPU_0)
E = Dual computing e200z4 core (CPU_2
+ CPU_0)
SPC58 = Power Architecture in 40 nm
a. Gigabit option is not
supported on eTQFP144,
up to 2x100Mb is available.
b. eMMC at 4 bit max. is
supported on eLQFP176.
eMMC is not supported in
eTQFP144.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com