Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84C3 Datasheet(PDF) 145 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 139Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 140Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 141Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 142Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 143Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 144Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 145Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 146Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 147Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 145 / 147 page
background image
DS12304 Rev 5
145/147
SPC58EHx, SPC58NHx
Revision history
146
12-May-2020
4
(cont’d)
Section 4.14: Power management
:
Section 4.14.1: Power management integration
Added Figure 9: External regulator mode
Table 31: External components integration
– Updated Conditions for CBV.
– Updated table, notes content and numbering
Section 4.14.3: Voltage monitors
– Table 36: Voltage monitor electrical characteristics: added footnote “Even if
LVD/HVD...”
Section 4.15: Flash memory
:
Table 38: Flash memory program and erase specifications
: updated this table.
Table 39: Flash memory Life Specification
: updated this table.
Section 4.16: AC Specifications
:
Section 4.16.1.1: JTAG interface timing
Updated footnote 2. for Table 40: JTAG pin AC electrical characteristics
Section 4.16.1.2: Nexus interface timing
Table 41: Nexus debug port timing
:
– Updated Max value on line 15.
– Updated footnote 1.
Section 4.16.3.7: RMII transmit signal timing (TXD[1:0], TX_EN)
: added Note “RMII
transmit... as 1ns”.
Updated Section 4.16.9.1: OctoSPI mode
Updated Table 62: OctoSPI characteristics in SDR mode:
– Updated row-headed F(QCK) symbol to F(CLK)
– Updated conditions for row-headed tw(CKH)
– Updated Min value for row-headed th(IN)
– Updated Typ and Max value for row-headed tv(OUT)
– Updated Min value for row-headed th(OUT)
Removed Table 72: OctoSPI characteristics in DTR mode (with DQS)/Octal and
Hyperbus
Removed Figure 52: OctoSPI timing diagram - DDR mode
Removed Figure 53: OctoSPI Hyperbus clock
Updated bullet 4 and 5 in Section 4.16.9.2: Hyperbus mode
Chapter 5: Package information
:
Added introduction sentence in each Package section.
Added sub-section “Package mechanical drawings and data information” and
introduction sentence to the notes list.
Table 64: eTQFP144 package mechanical data
: updated table, notes content and
numbering.
Moved notes to new section Section 5.1.1: Package mechanical drawings and data
information
.
Table 78. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com