Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752007 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752007
Description  PCB terminal block - MKDSN 1,5/ 2-5,08 RD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752007 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752007 Datasheet HTML 1Page - PHOENIX CONTACT 1752007 Datasheet HTML 2Page - PHOENIX CONTACT 1752007 Datasheet HTML 3Page - PHOENIX CONTACT 1752007 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1752007
11/04/2018   Page 1 / 4
PCB terminal block - MKDSN 1,5/ 2-5,08 RD - 1752007
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 13.5 A, nom. voltage: 320 V, pitch: 5.08 mm, number of positions:
2, connection method: Screw connection with tension sleeve, mounting: Wave soldering, conductor/PCB
connection direction: 0 °, color: red
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Allows connection of two conductors
 Extremely small design for the respective conductor cross section
 Designed for integration into the SMT soldering process
 The latching on the side enables various numbers of positions to be combined
Key Commercial Data
Packing unit
50 pc
Minimum order quantity
50 pc
GTIN
GTIN
4046356319546
Technical data
Dimensions
Length [ l ]
8.1 mm
Pitch
5.08 mm
Dimension a
5.08 mm
Width [ w ]
10.16 mm
Height
10 mm
Height [ h ]
13.5 mm
Solder pin [P]
3.5 mm
Hole diameter
1.3 mm


Similar Part No. - 1752007

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
175201 ADELS-175201 Datasheet
119Kb / 2P
900 SI RZ/ 1
logo
List of Unclassifed Man...
1752010B1 ETC2-1752010B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
logo
Adels-Contact
175202 ADELS-175202 Datasheet
120Kb / 2P
900 SI RZ/ 2
175203 ADELS-175203 Datasheet
120Kb / 2P
900 SI RZ/ 3
175204 ADELS-175204 Datasheet
121Kb / 2P
900 SI RZ/ 4
More results

Similar Description - 1752007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1800090 PHOENIX-1800090 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 5-5,08 BK
1869664 PHOENIX-1869664 Datasheet
72Kb / 5P
PCB terminal block - MKDSN 1,5/ 2-5,08 BK
1907814 PHOENIX-1907814 Datasheet
128Kb / 6P
PCB terminal block - MKDSN 1,5/ 4-5,08 BK
1907830 PHOENIX-1907830 Datasheet
66Kb / 5P
PCB terminal block - MKDSN 1,5/10-5,08 BK
1934010 PHOENIX-1934010 Datasheet
61Kb / 5P
PCB terminal block - SMKDSN 1,5/ 2-5,08 RD
1988587 PHOENIX-1988587 Datasheet
56Kb / 4P
PCB terminal block - MKDS 1,5/ 2-5,08 RD
1989722 PHOENIX-1989722 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 1,5/ 2-5,08 H1L
5772524 PHOENIX-5772524 Datasheet
106Kb / 3P
PCB terminal block - MKDSN 1,5/ 3-5,08 TS
11/05/2018
1548128 PHOENIX-1548128 Datasheet
341Kb / 10P
MKDSN 1,5/ 2-5,08 SPE - PCB terminal block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com