Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752007 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1752007
Description  PCB terminal block - MKDSN 1,5/ 2-5,08 RD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752007 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1752007 Datasheet HTML 1Page - PHOENIX CONTACT 1752007 Datasheet HTML 2Page - PHOENIX CONTACT 1752007 Datasheet HTML 3Page - PHOENIX CONTACT 1752007 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1752007
11/04/2018   Page 2 / 4
PCB terminal block - MKDSN 1,5/ 2-5,08 RD - 1752007
Technical data
General
Range of articles
MKDSN 1,5
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
13.5 A
Nominal cross section
1.5 mm²
Insulating material
PA
Internal cylindrical gage
A1
Stripping length
6 mm
Number of positions
2
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Connection data
Conductor cross section AWG min.
26
Conductor cross section AWG max.
16
2 conductors with same cross section, solid min.
0.14 mm²
2 conductors with same cross section, solid max.
0.75 mm²
2 conductors with same cross section, stranded min.
0.14 mm²
2 conductors with same cross section, stranded max.
0.75 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with
plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with
plastic sleeve, max.
0.75 mm²
Standards and Regulations
Connection in acc. with standard
EN-VDE
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com