Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS74 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS74
Description  SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS74 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS74 Datasheet HTML 2Page - Texas Instruments SN74HCS74 Datasheet HTML 3Page - Texas Instruments SN74HCS74 Datasheet HTML 4Page - Texas Instruments SN74HCS74 Datasheet HTML 5Page - Texas Instruments SN74HCS74 Datasheet HTML 6Page - Texas Instruments SN74HCS74 Datasheet HTML 7Page - Texas Instruments SN74HCS74 Datasheet HTML 8Page - Texas Instruments SN74HCS74 Datasheet HTML 9Page - Texas Instruments SN74HCS74 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise
noted). See Parameter Measurement Information
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
TYP
MAX
UNIT
tt
Transition-time
Q or Q
2 V
9
16
ns
4.5 V
5
9
6 V
4
8
6.7 Timing Characteristics
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement Information.
PARAMETER
VCC
MIN
MAX
UNIT
fclock
Clock frequency
2 V
18
MHz
4.5 V
45
6 V
65
tw
Pulse duration
PRE or CLR low
2 V
11
ns
4.5 V
11
6 V
11
CLK high or low
2 V
14
ns
4.5 V
12
6 V
11
tsu
Setup time before CLK high
Data
2 V
24
ns
4.5 V
9
6 V
6
PRE or CLR inactive
2 V
7
ns
4.5 V
5
6 V
5
th
Hold time
Data after CLK↑
2 V
0
ns
4.5 V
0
6 V
0
SN74HCS74
SCLS782D – NOVEMBER 2019 – REVISED DECEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com