Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS74 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS74
Description  SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS74 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74HCS74 Datasheet HTML 9Page - Texas Instruments SN74HCS74 Datasheet HTML 10Page - Texas Instruments SN74HCS74 Datasheet HTML 11Page - Texas Instruments SN74HCS74 Datasheet HTML 12Page - Texas Instruments SN74HCS74 Datasheet HTML 13Page - Texas Instruments SN74HCS74 Datasheet HTML 14Page - Texas Instruments SN74HCS74 Datasheet HTML 15Page - Texas Instruments SN74HCS74 Datasheet HTML 16Page - Texas Instruments SN74HCS74 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
9.2.2 Detailed Design Procedure
1. Add a decoupling capacitor from VCC to GND. The capacitor needs to be placed physically close to the
device and electrically close to both the VCC and GND pins. An example layout is shown in the Layout
section.
2. Ensure the capacitive load at the output is ≤ 50 pF. This is not a hard limit, however it will ensure optimal
performance. This can be accomplished by providing short, appropriately sized traces from the SN74HCS74
to the receiving device(s).
3. Ensure the resistive load at the output is larger than (VCC / IO(max)) Ω. This will ensure that the maximum
output current from the Absolute Maximum Ratings is not violated. Most CMOS inputs have a resistive load
measured in megaohms; much larger than the minimum calculated above.
4. Thermal issues are rarely a concern for logic gates, however the power consumption and thermal increase
can be calculated using the steps provided in the application report, CMOS Power Consumption and Cpd
Calculation.
9.2.3 Application Curve
Circuit response without RC debounce
Vin := CLK input, Vout := Q output illustrates an example of a single button press bouncing and causing the
output to toggle multiple times. This will cause issues in the desired application. Circuit response with RC
debounce
Vin := CLK input, Vout := Q output illustrates 4 button presses with an added debounce circuit, fixing the
unwanted toggling and allowing for proper toggle switch operation.
Time (100 Ps/div)
D001
D001
Vout
Vin
Figure 9-2. Circuit response without RC debounce
Vin := CLK input, Vout := Q output
Time (200 ms/div)
D002
Vout
Vin
Figure 9-3. Circuit response with RC debounce
Vin := CLK input, Vout := Q output
www.ti.com
SN74HCS74
SCLS782D – NOVEMBER 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74HCS74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com