Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR170F Datasheet(PDF) 6 Page - Littelfuse

Part # VLR170F
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR170F Datasheet(HTML) 6 Page - Littelfuse

Back Button VLR170F Datasheet HTML 2Page - Littelfuse VLR170F Datasheet HTML 3Page - Littelfuse VLR170F Datasheet HTML 4Page - Littelfuse VLR170F Datasheet HTML 5Page - Littelfuse VLR170F Datasheet HTML 6Page - Littelfuse VLR170F Datasheet HTML 7Page - Littelfuse VLR170F Datasheet HTML 8Page - Littelfuse VLR170F Datasheet HTML 9Page - Littelfuse VLR170F Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Figures B2-B12 — Dimension Figures
(Cont’d)
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
B D
C
A
Table B4 — Dimensions in Millimeters (Inches)
Part
Number
A
B
C
D
E
F
G
Figure
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
85°C Typical Activation
VLR
VLR170F
20.8
23.2
3.5
3.9
0.8
4.5
6.5
4.5
6.5
2.4
2.6
B3
(0.832) (0.928)
(0.140) (0.156)
(0.032)
(0.180) (0.260)
(0.180) (0.260)
(0.096) (0.104)
VLR175F
23.0
24.5
2.9
3.3
0.5
0.8
4.7
7.2
3.8
5.4
2.4
2.6
B3
(0.920) (0.980)
(0.116) (0.132)
(0.020) (0.032)
(0.188) (0.288)
(0.152) (0.216)
(0.096) (0.104)
VLR175LF
29.3
31.7
2.9
3.3
0.8
5.2
6.8
10
12.5
2.4
2.6
B3
(1.172) (1.268)
(0.116) (0.132)
(0.032)
(0.208) (0.272)
(0.400) (0.500)
(0.096) (0.104)
VLR230F
20.9
23.1
4.9
5.3
0.8
4.1
5.8
4.1
5.8
3.9
4.1
B3
(0.836) (0.924)
(0.196) (0.212)
(0.032)
(0.164) (0.232)
(0.164) (0.232)
(0.156) (0.164)
90°C Typical Activation
VLP
VLP120UF
10.9
11.8
4.4
4.6
0.7
5.5
6.5
1.65
1.9
2.3
2.5
B5
(0.430) (0.460)
(0.170) (0.180)
(0.028)
(0.220) (0.260)
(0.065) (0.075)
(0.091) (0.098)
VLP175UAF
23.6
25.6
2.7
2.9
0.7
7.0
8.0
7.0
8.0
2.3
2.5
B5
(0.944) (1.024)
(0.108) (0.116)
(0.028)
(0.280) (0.320)
(0.280) (0.320)
(0.092) (0.100)
VLP210F
15.4
17.5
6.9
7.3
0.6
0.8
4.0
6.2
4.0
6.2
3.9
4.1
B2
(0.616) (0.700)
(0.276) (0.292)
(0.024) (0.032)
(0.160) (0.248)
(0.160) (0.248)
(0.156) (0.164)
VLP220F
21.1
23.3
3.5
3.9
0.6
0.8
5.1
6.8
5.1
6.8
2.9
3.1
B3
(0.844) (0.932)
(0.140) (0.156)
(0.024) (0.032)
(0.204) (0.272)
(0.204) (0.272)
(0.116) (0.124)
VLP270F
20.9
23.1
4.9
5.3
0.6
0.8
4.1
5.8
4.1
5.8
3.9
4.1
B3
(0.836) (0.924)
(0.196) (0.212)
(0.024) (0.032)
(0.164) (0.232)
(0.164) (0.232)
(0.156) (0.164)
Figure B5
Figure B8
Figure B11
Figure B6
Figure B9
Figure B12
Figure B7
Figure B10
B
F
A
D
E
C
B
F
A
D
G
G
C
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com