Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR170F Datasheet(PDF) 13 Page - Littelfuse

Part # VLR170F
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR170F Datasheet(HTML) 13 Page - Littelfuse

Back Button VLR170F Datasheet HTML 6Page - Littelfuse VLR170F Datasheet HTML 7Page - Littelfuse VLR170F Datasheet HTML 8Page - Littelfuse VLR170F Datasheet HTML 9Page - Littelfuse VLR170F Datasheet HTML 10Page - Littelfuse VLR170F Datasheet HTML 11Page - Littelfuse VLR170F Datasheet HTML 12Page - Littelfuse VLR170F Datasheet HTML 13Page - Littelfuse VLR170F Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Table B6 — Packaging and Marking Information/Agency Recognition
(Cont’d)
Part
Number
Bag
Quantity
Tape and Reel
Quantity
Standard Package
Quantity
Part Marking
Agency Recognition
125°C Typical Activation
SRP
SRP120F
1,000
—
10,000
120
UL, CSA, TÜV
SRP175F
2,000
—
10,000
175
UL, CSA, TÜV
SRP200F
1,000
—
10,000
200
UL, CSA, TÜV
SRP350F
500
—
10,000
350
UL, CSA, TÜV
SRP420F
500
—
10,000
420
UL, CSA, TÜV
LR4
LR4-190F
2,000
—
10,000
E19
UL, CSA, TÜV
LR4-260F
1,000
—
10,000
E26
UL, CSA, TÜV
LR4-380F
1,000
—
10,000
E38
UL, CSA, TÜV
LR4-380XF
1,000
—
10,000
E38
UL, CSA, TÜV
LR4-450F
1,000
—
10,000
E45
UL, CSA, TÜV
LR4-550F
1,000
—
10,000
E55
UL, CSA, TÜV
LR4-600F
1,000
—
10,000
E60
UL, CSA, TÜV
LR4-600XF
1,000
—
10,000
E60
UL, CSA, TÜV
LR4-730F
1,000
—
10,000
E73
UL, CSA, TÜV
LR4-900F
500
—
10,000
E90
UL, CSA, TÜV
LR4-1300SSF
250
—
10,000
EX3
UL, CSA, TÜV
Agency Recognition
UL
File # E74889
CSA
File # 78165C
TÜV
Certificate Number Available on Request
Installation Guidelines for the Strap Family
• PPTC devices operate by thermal expansion of the conductive polymer. If devices are placed under pressure or installed in spaces that would
prevent thermal expansion, they may not properly protect against damage caused by fault conditions. Designs must be selected in such a
manner that adequate space is maintained over the life of the product.
• Twisting, bending, or placing the PPTC device in tension will decrease the ability of the device to protect against damage caused by electrical
faults. No residual force should remain on device after installation. Mechanical damage to the PPTC device may affect device performance and
should be avoided.
• Chemical contamination of PPTC devices should be avoided. Certain greases, solvents, hydraulic fluids, fuels, industrial cleaning agents, volatile
components of adhesives, silicones, and electrolytes can have an adverse effect on device performance.
• PPTC strap devices are intended to be resistance welded to battery cells or to pack interconnect straps, yet some precautions must be taken
when doing so. In order for the PPTC device to exhibit its specified performance, weld placement should be a minimum of 2mm from the edge
of the PPTC device, weld splatter must not touch the PPTC device, and welding conditions must not heat the PPTC device above its maximum
operating temperature.
• PPTC strap devices are not intended for applications where reflow onto flex circuits or rigid circuit boards is required.
• The polyester tape on PPTC strap devices is intended for marking and identification purposes only, not for electrical insulation.
• The coating on MXP and MGP devices is intended to prevent oxidization/aging of the devices. Damaging the coating or causing the coating to
delaminate can have negative effects on device performance and should be avoided.
• MXP and MGP devices have a small PPTC chip size and therefore have weaker peel strength between the polymer and Ni-foil of the chip.
Excessive mechanical force to the device may cause delamination of Ni-foil from the polymer.
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com