Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB3089Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # SBB3089Z
Description  50MHz to 6000MHz Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBB3089Z Datasheet(HTML) 2 Page - STMicroelectronics

  SBB3089Z Datasheet HTML 1Page - STMicroelectronics SBB3089Z Datasheet HTML 2Page - STMicroelectronics SBB3089Z Datasheet HTML 3Page - STMicroelectronics SBB3089Z Datasheet HTML 4Page - STMicroelectronics SBB3089Z Datasheet HTML 5Page - STMicroelectronics SBB3089Z Datasheet HTML 6Page - STMicroelectronics SBB3089Z Datasheet HTML 7Page - STMicroelectronics SBB3089Z Datasheet HTML 8Page - STMicroelectronics SBB3089Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SBB3089Z
50MHz to 6000MHz Gain Block
Data Sheet, June 8, 2021 | Subject to change without notice
2 of 9
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−55 to 150 °C
RF Input Power, CW, 50 Ω, T=+25 °C
+20
 dBm
Device Voltage (VCC)
+6
 V
Device Current (ICC)
100 mA
Junction Temperature (TJ)
+150 °C
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent damage
to the device.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
TCASE
−40
+85
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions. Application of conditions to the device outside the
Recommended Operating Conditions may reduce device reliability
and performance.
Electrical Specifications
Parameter
Conditions (1)
Min
Typ
Max Units
Operational Frequency Range
50
6000
MHz
Gain
850MHz
15.1
16.6
18.1
dB
1950MHz
14.9
16.4
17.9
dB
2400MHz
16.3
dB
Input Return Loss
1950MHz
16
21
dB
Output Return Loss
1950MHz
19
25.5
dB
Output P1dB
850MHz
+15.6
dBm
1950MHz
+14.2
+15.2
dBm
2400MHz
+15.4
dBm
Output IP3
Pout= -5
dBm/tone, ∆f = 1 MHz, Center Freq.= 850MHz
+30
dBm
Pout= -5
dBm/tone, ∆f = 1 MHz, Center Freq.= 1950MHz +27.5
+29.5
dBm
Pout= -5
dBm/tone, ∆f = 1 MHz, Center Freq.= 2400MHz
+29.5
dBm
Noise Figure
1950MHz
3.9
4.9
dB
Device Operating Voltage (VCC)
RDC=20
Ω, VS=+5.0V
4.2
4.3
V
Device Operating Current (ICC)
RDC=20
Ω, VS=+5.0V
38
42
46
mA
Thermal Resistance, θjc
Junction to case
80
°C/W
Notes:
1.
Test conditions unless otherwise noted: VS= +5.0V, VCC = +4.2 V, ICC = 42mA, RDC=20Ω, Temp= +25 °C , 50 Ω system.
2.
Supply voltage (VS) and bias resistor (RDC) values are related by: RDC=(VS-VCC)/ICC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com