Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB3089Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # SBB3089Z
Description  50MHz to 6000MHz Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBB3089Z Datasheet(HTML) 1 Page - STMicroelectronics

  SBB3089Z Datasheet HTML 1Page - STMicroelectronics SBB3089Z Datasheet HTML 2Page - STMicroelectronics SBB3089Z Datasheet HTML 3Page - STMicroelectronics SBB3089Z Datasheet HTML 4Page - STMicroelectronics SBB3089Z Datasheet HTML 5Page - STMicroelectronics SBB3089Z Datasheet HTML 6Page - STMicroelectronics SBB3089Z Datasheet HTML 7Page - STMicroelectronics SBB3089Z Datasheet HTML 8Page - STMicroelectronics SBB3089Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SBB3089Z
50MHz to 6000MHz Gain Block
Data Sheet, June 8, 2021 | Subject to change without notice
1 of 9
www.qorvo.com
®
3-pin SOT
−89 Package
Product Overview
The SBB3089Z is a high performance InGaP HBT MMIC
amplifier utilizing a Darlington configuration with an active
bias network. The active bias network provides stable
current over temperature and process Beta variations. The
SBB3089Z product is designed for high linearity 5V gain
block applications that require excellent gain flatness, small
size, and minimal external components. It is internally
matched to 50
Ω.
Functional Block Diagram
Top View
Key Features
• 50MHz – 6000MHz Operational Frequency
• Patented Thermal Design and Self Bias Circuit
• Gain = 16.4dB at 1950MHz
• P1dB = +15.2dBm at 1950MHz
• OIP3 = +29.5dBm at 1950MHz
• Single Fixed 5V Supply
• Robust 1000V ESD, Class 1C HBM
Ordering Information
Part No.
Description
SBB3089Z
7” Reel with 1000 pieces
SBB3089ZPCK1
500MHz to 3500MHz PCBA with
5-piece sample bag
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
• Wideband Instrumentation


Similar Part No. - SBB3089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB3089ZPCK1 RFMD-SBB3089ZPCK1 Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB3089ZSQ RFMD-SBB3089ZSQ Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB3089ZSR RFMD-SBB3089ZSR Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
More results

Similar Description - SBB3089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB-3089Z RFMD-SBB-3089Z Datasheet
252Kb / 6P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
SBB3000 RFMD-SBB3000 Datasheet
352Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB3082S RFMD-SBB3082S Datasheet
706Kb / 5P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB4082S RFMD-SBB4082S Datasheet
744Kb / 5P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB5082S RFMD-SBB5082S Datasheet
845Kb / 6P
InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
logo
Qorvo, Inc
SBB5089Z QORVO-SBB5089Z Datasheet
1Mb / 11P
50MHz-6000MHz, Cascadable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com