Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB15CC Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32WB15CC
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB15CC Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32WB15CC Datasheet HTML 69Page - STMicroelectronics STM32WB15CC Datasheet HTML 70Page - STMicroelectronics STM32WB15CC Datasheet HTML 71Page - STMicroelectronics STM32WB15CC Datasheet HTML 72Page - STMicroelectronics STM32WB15CC Datasheet HTML 73Page - STMicroelectronics STM32WB15CC Datasheet HTML 74Page - STMicroelectronics STM32WB15CC Datasheet HTML 75Page - STMicroelectronics STM32WB15CC Datasheet HTML 76Page - STMicroelectronics STM32WB15CC Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 127 page
background image
DS13258 Rev 4
73/127
STM32WB15CC
Electrical characteristics
115
Table 33. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash memory, ART enable (Cache ON Prefetch OFF), VDD= 3.3 V
Symbol
Parameter
Conditions
Code
TYP
Unit
TYP
Unit
25 °C
25 °C
IDD(Run)
Supply current
in Run mode
fHCLK = 64 MHz
Reduced code(1)
6.35
mA
99
µA/MHz
Coremark
6.20
97
Dhrystone 2.1
6.75
105
Fibonacci
6.05
95
While(1)
5.85
91
SMPS ON,
fHCLK = 64 MHz
Reduced code(1)
4.55
71
Coremark
4.45
70
Dhrystone 2.1
4.75
74
Fibonacci
4.40
69
While(1)
4.30
67
SMPS ON,
fHCLK = 64 MHz, RF
Tx level = 0 dBm(2)
Reduced code(1)
2.27
35
Coremark
2.22
34
Dhrystone 2.1
2.37
34
Fibonacci
2.19
34
While(1)
2.14
33
IDD(LPRun)
Supply current
in
Low-power run
fHCLK = fMSI = 2 MHz
All peripherals disabled
Reduced code(1)
190
µA
95
µA/MHz
Coremark
190
95
Dhrystone 2.1
215
108
Fibonacci
185
93
While(1)
175
88
1. Reduced code used for characterization results provided in Table 31 and Table 32.
2. Value computed. MCU consumption when RF TX and SMPS are ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com