Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB15CC Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32WB15CC
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB15CC Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32WB15CC Datasheet HTML 73Page - STMicroelectronics STM32WB15CC Datasheet HTML 74Page - STMicroelectronics STM32WB15CC Datasheet HTML 75Page - STMicroelectronics STM32WB15CC Datasheet HTML 76Page - STMicroelectronics STM32WB15CC Datasheet HTML 77Page - STMicroelectronics STM32WB15CC Datasheet HTML 78Page - STMicroelectronics STM32WB15CC Datasheet HTML 79Page - STMicroelectronics STM32WB15CC Datasheet HTML 80Page - STMicroelectronics STM32WB15CC Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
Table 38. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
1. Evaluated by characterization (mean ± 4 σ), not tested in production, unless otherwise specified.
Unit
-VDD
0 °C
25 °C
40 °C
55 °C
85 °C 105 °C
0 °C
25 °C
85 °C 105 °C
IDD
(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled,
BLE disabled
--
1.8 V
97.5
100
105
110
140
180
112.3
114.2
328.9
499.9
µA
2.4 V
99.5
100
105
115
140
180
-
-
-
-
3.0 V
100
105
110
115
140
180
119.1
134.3
331.5
495.0
3.6 V
100
105
110
115
145
185
165.0
135.7
358.2
511.1
Supply current
during wakeup
from Stop 0
Bypass mode
Wakeup clock
HSI16. See (2).
2. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 44: Low-power mode wakeup
timings.
3.0 V
-
217
--
--
--
--
Wakeup clock
MSI = 32 MHz.
See (2).
-
234
--
--
--
--
Table 39. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD
0 °C
25 °C
40 °C
55 °C
85 °C 105 °C
0 °C
25 °C
85 °C 105 °C
IDD
(Standby)
Supply current
in Standby
mode (backup
registers and
SRAMs
retained),
RTC disabled
BLE disabled
No
independent
watchdog
1.8 V
235
335
507
900
2900
6200
261
867
6599
14593
nA
2.4 V
250
345
540
935
3000
6550
-
-
-
-
3.0 V
255
355
565
985
3150
6950
334
907
6959
15509
3.6 V
280
390
625
1050
3400
7600
373
989
7270
16213
BLE disabled
with
independent
watchdog
1.8 V
415
515
677
1100
3100
6350
814
1074
24
14741
2.4 V
465
565
765
1150
3200
6750
-
-
-
-
3.0 V
520
625
840
1250
3400
7250
1309
1169
7188
15832
3.6 V
595
715
950
1400
3750
7900
1716
1259
7630
16403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com