Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB15CC Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32WB15CC
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB15CC Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32WB15CC Datasheet HTML 115Page - STMicroelectronics STM32WB15CC Datasheet HTML 116Page - STMicroelectronics STM32WB15CC Datasheet HTML 117Page - STMicroelectronics STM32WB15CC Datasheet HTML 118Page - STMicroelectronics STM32WB15CC Datasheet HTML 119Page - STMicroelectronics STM32WB15CC Datasheet HTML 120Page - STMicroelectronics STM32WB15CC Datasheet HTML 121Page - STMicroelectronics STM32WB15CC Datasheet HTML 122Page - STMicroelectronics STM32WB15CC Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 127 page
background image
DS13258 Rev 4
119/127
STM32WB15CC
Package information
124
7.2
WLCSP49 package information
This WLCSP is a 49-ball, 3.30 x 3.38 mm, 0.4 mm pitch, wafer level chip scale package.
Figure 30. WLCSP49 outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
e1
G
F
e
D
D
H
K
e2
E
A1
DETAIL A
bbb
aaa
(4x)
A2
A
SIDE VIEW
BOTTOM VIEW
TOP VIEW
A3
A2
b
FRONT VIEW
BUMP
A1
ddd
ccc
Z
ZX Y
b (49x)
DETAIL A
ROTATED 90
SEATING PLANE
B0DE_WLCSP49_ME_V1
A1 BALL LOCATION
A1 BALL LOCATION
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com