Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S007C8 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8S007C8
Description  Value line, 24 MHz STM8S 8-bit MCU, 64 Kbytes Flash, true data EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I²C
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8S007C8 Datasheet HTML 18Page - STMicroelectronics STM8S007C8 Datasheet HTML 19Page - STMicroelectronics STM8S007C8 Datasheet HTML 20Page - STMicroelectronics STM8S007C8 Datasheet HTML 21Page - STMicroelectronics STM8S007C8 Datasheet HTML 22Page - STMicroelectronics STM8S007C8 Datasheet HTML 23Page - STMicroelectronics STM8S007C8 Datasheet HTML 24Page - STMicroelectronics STM8S007C8 Datasheet HTML 25Page - STMicroelectronics STM8S007C8 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Pinouts and pin descriptions
STM8S007C8
22/93
DS8633 Rev 6
Table 4. Legend/abbreviations for STM8S007C8 pin description table
Type
I = input, O = output, S = power supply
Input
floating
wpu = weak pull-up
Ext. interrupt = external interrupt
Output
HS = high sink
Speed
O1 = Slow (up to 2 MHz)
O3 = Fast/slow programmability with slow as default state after reset
O4 = Fast/slow programmability with fast as default state after reset
OD = open drain
PP = push pull
Reset state
Bold X (pin state after internal reset release)
Unless otherwise specified, the pin state is the same during the reset phase and
after the internal reset release.
Table 5. STM8S007C8 pin description
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]
1
NRST
I/O -
X
-
-
-
-
- Reset
-
2
PA1/OSCIN
I/O X
X-
-
O1 X
X Port A1
Resonator/
crystal in
-
3
PA2/OSCOUT
I/O X
XX
-
O1 X
X Port A2
Resonator/
crystal out
-
4VSSIO_1
S
-
-
-
-
-
-
- I/O ground
-
5VSS
S
-
-
-
-
-
-
- Digital ground
-
6
VCAP
S
-
-
-
-
-
-
- 1.8 V regulator capacitor
-
7VDD
S
-
-
-
-
-
-
- Digital power supply
-
8VDDIO_1
S
-
-
-
-
-
-
- I/O power supply
-
9
PA3/TIM2_CH3
I/O X
XX
-
O1 X
X Port A3
Timer 2 -
channel3
TIM3_CH1
[AFR1]
10
PA4/UART1_RX
(1)
I/O X
XX HS O3 X
X Port A4
UART1
receive
-
11
PA5/UART1_TX
I/O X
XX HS O3 X
X Port A5
UART1
transmit
-
12
PA6/UART1_CK
I/O X
XX HS O3 X
X Port A6
UART1
synchronous
clock
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com