Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S007C8 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8S007C8
Description  Value line, 24 MHz STM8S 8-bit MCU, 64 Kbytes Flash, true data EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I²C
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8S007C8 Datasheet HTML 19Page - STMicroelectronics STM8S007C8 Datasheet HTML 20Page - STMicroelectronics STM8S007C8 Datasheet HTML 21Page - STMicroelectronics STM8S007C8 Datasheet HTML 22Page - STMicroelectronics STM8S007C8 Datasheet HTML 23Page - STMicroelectronics STM8S007C8 Datasheet HTML 24Page - STMicroelectronics STM8S007C8 Datasheet HTML 25Page - STMicroelectronics STM8S007C8 Datasheet HTML 26Page - STMicroelectronics STM8S007C8 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
DS8633 Rev 6
23/93
STM8S007C8
Pinouts and pin descriptions
25
13
VDDA
S
-
-
-
-
-
-
- Analog power supply
-
14
VSSA
S
-
-
-
-
-
-
- Analog ground
-
15
PB7/AIN7
I/O X
XX
-
O1 X
X Port B7
Analog
input 7
-
16
PB6/AIN6
I/O X
XX
-
O1 X
X Port B6
Analog
input 6
-
17
PB5/AIN5
I/O X
XX
-
O1 X
X Port B5
Analog
input 5
I2C_SDA
[AFR6]
18
PB4/AIN4
I/O X
XX
-
O1 X
X Port B4
Analog
input 4
I2C_SCL
[AFR6]
19
PB3/AIN3
I/O X
XX
-
O1 X
X Port B3
Analog
input 3
TIM1_ETR
[AFR5]
20
PB2/AIN2
I/O X
XX
-
O1 X
X Port B2
Analog
input 2
TIM1_
CH3N
[AFR5]
21
PB1/AIN1
I/O X
XX
-
O1 X
X Port B1
Analog
input 1
TIM1_
CH2N
[AFR5]
22
PB0/AIN0
I/O X
XX
-
O1 X
X Port B0
Analog
input 0
TIM1_
CH1N
[AFR5]
23
PE7/AIN8
I/O X
XX
-
O1 X
X Port E7 Analog input 8
-
24
PE6/AIN9
I/O X
XX
-
O1 X
X Port E6 Analog input 9
-
25
PE5/SPI_NSS
I/O X
XX
-
O1 X
X Port E5
SPI
master/slave
select
-
26
PC1/TIM1_CH1
I/O X
XX HS O3 X
X Port C1
Timer 1 -
channel 1
-
27
PC2/TIM1_CH2
I/O X
XX HS O3 X
X Port C2
Timer 1-
channel 2
-
28
PC3/TIM1_CH3
I/O X
XX HS O3 X
X Port C3
Timer 1 -
channel 3
-
29
PC4/TIM1_CH4
I/O X
XX HS O3 X
X Port C4
Timer 1 -
channel 4
-
30
PC5/SPI_SCK
I/O X
XX HS O3 X
X Port C5 SPI clock
-
31
VSSIO_2
S
-
-
-
-
-
-
- I/O ground
-
32
VDDIO_2
S
-
-
-
-
-
-
- I/O power supply
-
Table 5. STM8S007C8 pin description (continued)
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com