Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 62Page - STMicroelectronics ST25R3918 Datasheet HTML 63Page - STMicroelectronics ST25R3918 Datasheet HTML 64Page - STMicroelectronics ST25R3918 Datasheet HTML 65Page - STMicroelectronics ST25R3918 Datasheet HTML 66Page - STMicroelectronics ST25R3918 Datasheet HTML 67Page - STMicroelectronics ST25R3918 Datasheet HTML 68Page - STMicroelectronics ST25R3918 Datasheet HTML 69Page - STMicroelectronics ST25R3918 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 141 page
background image
Application information
ST25R3918
66/141
DS13490 Rev 2
4.5.4
Mode definition register
Register space: A
Address: 03h
Type: RW
Table 18. Mode definition register(1)
Bit
Name
Default
Function
Comments
7targ
0
0: Initiator
1: Target
-
6om3
0
Refer to Table 19 and Table 20
Selection of operation mode.
Different for initiator and target modes.
5om2
0
4om1
0
3om0
1
2
tr_am
0
0: OOK
1: AM
Selects RF modulation mode.
1RFU
0
-
-
0RFU
0
-
-
1. Register can be written only in case crystal clock is present and stable (oscok = 1).
Table 19. Initiator operation modes(1)
1. If a non supported operation mode is selected the Tx/Rx operation is disabled.
om3
om2
om1
om0
Comments
0001
ISO14443A
0010
ISO14443B
0100
NFC Forum Type 1 tag (Topaz)
1110
Sub-carrier stream mode
1111
BPSK stream mode
Other combinations
RFU
Table 20. Target operation modes(1)
om3
om2
om1
om0
Comments
0
0
0
1
ISO14443A passive target mode
010
0
FeliCa™ passive target mode
1x
x
x
Bit rate detection mode
– om2: enable FeliCa™ bit rate detection mode
–om1: RFU
– om0: enable ISO14443A bit rate detection mode
Other combinations
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com