Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 73Page - STMicroelectronics ST25R3918 Datasheet HTML 74Page - STMicroelectronics ST25R3918 Datasheet HTML 75Page - STMicroelectronics ST25R3918 Datasheet HTML 76Page - STMicroelectronics ST25R3918 Datasheet HTML 77Page - STMicroelectronics ST25R3918 Datasheet HTML 78Page - STMicroelectronics ST25R3918 Datasheet HTML 79Page - STMicroelectronics ST25R3918 Datasheet HTML 80Page - STMicroelectronics ST25R3918 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 141 page
background image
DS13490 Rev 2
77/141
ST25R3918
Application information
140
4.5.15
Receiver configuration register 2
Register space: A
Address: 0Ch
Type: RW
Table 37. Receiver configuration register 2
Bit
Name
Default
Function
Comments
7
demod_mode
0
0: AM/PM demodulation
1: I/Q demodulation
Selects demodulator operation mode.
I/Q demodulation requires amd_sel = 1.
6
amd_sel
0
0: peak detector
1: mixer
Selects AM demodulator.
5
sqm_dyn
1
0: Squelch disabled
1: Automatic squelch activation
after end of TX
Squelch is activated 18.88 µs after end of TX,
and stops when the Mask receive timer reaches
the sqt<7:0> setting.
4
pulz_61
0
0: Squelch ratio 1
1: Squelch ratio 6/3
Select squelch trigger level.
Squelch triggers on signals that are 1 or 6/3 times
larger than the digitizing threshold.
– Ratio 1: recommended for ISO-A 106k
correlator, ISO-A HBR/ISO-B pulse decoder
and ISO-15693
– Ratio 6/3: recommended for ISO-A HBR/ISO-B
correlator
3
agc_en
1
0: AGC disabled
1: AGC enabled
-
2agc_m
1
0: AGC operates on first eight
sub-carrier pulses
1: AGC operates during
complete receive period
-
1
agc_alg
0
0: Algorithm with preset is used
1: Algorithm with reset is used
Algorithm with preset is recommended for
protocols with short SOF (like ISO14443A
fc / 128).
0
agc6_3
0
0: AGC ratio 3
1: AGC ratio 6
Select AGC trigger level.
AGC triggers on signals 3 or 6 times above the
minimum detectable signal level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com