Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010F4 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32L010F4
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010F4 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32L010F4 Datasheet HTML 17Page - STMicroelectronics STM32L010F4 Datasheet HTML 18Page - STMicroelectronics STM32L010F4 Datasheet HTML 19Page - STMicroelectronics STM32L010F4 Datasheet HTML 20Page - STMicroelectronics STM32L010F4 Datasheet HTML 21Page - STMicroelectronics STM32L010F4 Datasheet HTML 22Page - STMicroelectronics STM32L010F4 Datasheet HTML 23Page - STMicroelectronics STM32L010F4 Datasheet HTML 24Page - STMicroelectronics STM32L010F4 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
DS12323 Rev 3
21/91
STM32L010F4/K4
Functional overview
28
3.6
Low-power real-time clock and backup registers
The real time clock (RTC) and the 5 backup registers are supplied in all modes including
Standby mode. The backup registers are five 32-bit registers used to store 20 bytes of user
application data. They are not reset by a system reset, or when the device wakes up from
Standby mode.
The RTC is an independent BCD (binary-coded decimal) timer/counter. Its main features
are the following:
Calendar with subsecond, second, minute, hour (12 or 24 format), week, day, date,
month and year, in BCD format
Automatically correction for 28, 29 (leap year), 30, and 31 day of the month
Two programmable alarms with wakeup capability from Stop and Standby modes
Periodic wakeup from Stop and Standby modes, with programmable resolution and
period
On-the-fly correction from 1 to 32767 RTC clock pulses. This can be used to
synchronize with a master clock.
Reference clock detection: a more precise second-source clock (50 or 60 Hz) can be
used to enhance the calendar precision.
Digital calibration circuit with 1 ppm resolution, to compensate for quartz crystal
inaccuracy
Two anti-tamper detection pins with programmable filter. The MCU can be woken up
from Stop and Standby modes, on tamper event detection.
Timestamp feature that can be used to save the calendar content. This function can be
triggered by an event on the timestamp pin, or by a tamper event. The MCU can be
woken up from Stop and Standby modes on timestamp event detection.
The possible RTC clock sources are listed below:
a 32.768 kHz external crystal
a resonator or oscillator
the internal low-power RC oscillator (typical frequency of 37 kHz)
the high-speed external clock
3.7
General-purpose inputs/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIOs are shared with digital or analog alternate functions, and can be individually
remapped using dedicated alternate function registers. All GPIOs are high current capable.
Each GPIO output speed can be slowed (40 MHz, 10 MHz, 2 MHz, 400 kHz). The alternate
function configuration of I/Os can be locked if needed following a specific sequence in order
to avoid spurious writing to the I/O registers. The I/O controller is connected to a dedicated
I/O bus with a toggling speed of up to 32 MHz.
Extended interrupt/event controller (EXTI)
The extended interrupt/event controller consists of 23 edge detector lines used to generate
interrupt/event requests. Each line can be individually configured to select the trigger event
(rising edge, falling edge, both) and can be masked independently. A pending register
maintains the status of the interrupt requests. The EXTI detects an external line with a pulse
width shorter than the Internal APB2 clock period. Up to 26 GPIOs can be connected to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com