Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010F4 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32L010F4
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010F4 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32L010F4 Datasheet HTML 36Page - STMicroelectronics STM32L010F4 Datasheet HTML 37Page - STMicroelectronics STM32L010F4 Datasheet HTML 38Page - STMicroelectronics STM32L010F4 Datasheet HTML 39Page - STMicroelectronics STM32L010F4 Datasheet HTML 40Page - STMicroelectronics STM32L010F4 Datasheet HTML 41Page - STMicroelectronics STM32L010F4 Datasheet HTML 42Page - STMicroelectronics STM32L010F4 Datasheet HTML 43Page - STMicroelectronics STM32L010F4 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
Electrical characteristics
STM32L010F4/K4
40/91
DS12323 Rev 3
6.3
Operating conditions
6.3.1
General operating conditions
6.3.2
Embedded reset and power control block characteristics
The parameters given in the following table are derived from the tests performed under the
ambient temperature condition summarized in Table 15.
Table 15. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
32
MHz
fPCLK1 Internal APB1 clock frequency
-
0
32
fPCLK2 Internal APB2 clock frequency
-
0
32
VDD
Standard operating voltage
-
1.8
3.6
V
VDDA
Analog operating voltage
(all features)
Must be the same voltage as VDD(1)
1.8
3.6
V
VIN
Input voltage on FT and RST pins(2)
2.0 V ≤ VDD ≤ 3.6 V
–0.3
5.5
V
1.8 V ≤ VDD ≤ 2.0 V
–0.3
5.2
Input voltage on BOOT0 pin
-
0
5.5
Input voltage on TC pin
-
–0.3
VDD+ 0.3
PD
Power dissipation at TA = 85 °C(3)
TSSOP20/
LQFP32
-
270/
333
mW
TA
Temperature range
-
–40
85
°C
TJ
Junction temperature range (range 6) –40 °C ≤ TA ≤ 85 °
–40
105
1. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up and normal operation.
2. To sustain a voltage higher than VDD+0.3V, the internal pull-up/pull-down resistors must be disabled.
3. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Table 14: Thermal characteristics
on page 39).
Table 16. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD(1)
VDD rise time rate
BOR detector enabled
0
-
∞
µs/V
BOR detector disabled
0
-
1000
VDD fall time rate
BOR detector enabled
20
-
∞
BOR detector disabled
0
-
1000
TRSTTEMPO(1) Reset temporization
VDD rising, BOR enabled
-
2
3.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com