Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373RC Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32F373RC
Description  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373RC Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F373RC Datasheet HTML 67Page - STMicroelectronics STM32F373RC Datasheet HTML 68Page - STMicroelectronics STM32F373RC Datasheet HTML 69Page - STMicroelectronics STM32F373RC Datasheet HTML 70Page - STMicroelectronics STM32F373RC Datasheet HTML 71Page - STMicroelectronics STM32F373RC Datasheet HTML 72Page - STMicroelectronics STM32F373RC Datasheet HTML 73Page - STMicroelectronics STM32F373RC Datasheet HTML 74Page - STMicroelectronics STM32F373RC Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 137 page
background image
DocID022691 Rev 7
71/137
STM32F373xx
Electrical characteristics
114
6.3.6
Wakeup time from low-power mode
The wakeup times given in Table 37 are measured from the wakeup event trigger to the first
instruction executed by the CPU. The clock source used to wake up the device depends
from the current operating mode:
•
Stop or sleep mode: the wakeup event is WFE.
•
The WKUP1 (PA0) pin is used to wakeup from standby, stop and sleep modes.
APB1 peripherals
µA/MHz
APB1-Bridge(3)
6.9
TIM2
47.9
TIM3
36.8
TIM4
36.9
TIM5
45.5
TIM6
8.4
TIM7
8.2
TIM12
21.3
TIM13
14.2
TIM14
14.4
TIM18
10.1
WWDG
4.7
SPI2
24.3
SPI3
25.3
USART2
45.3
USART3
43.1
I2C1
14.0
I2C2
13.9
USB
27.9
CAN
38.1
DAC2
7.7
PWR
5.4
DAC1
14.8
CEC
5.4
1. When peripherals are enabled, power consumption of the analog part of peripherals such as ADC, DACs,
Comparators, etc. is not included. Refer to those peripherals characteristics in the subsequent sections.
2. The BusMatrix is automatically active when at least one master is ON (CPU, DMA1 or DMA2).
3. The APBx Bridge is automatically active when at least one peripheral is ON on the same Bus.
Table 36. Peripheral current consumption (continued)
Peripheral
Typical consumption(1)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com