Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373RC Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F373RC
Description  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373RC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F373RC Datasheet HTML 7Page - STMicroelectronics STM32F373RC Datasheet HTML 8Page - STMicroelectronics STM32F373RC Datasheet HTML 9Page - STMicroelectronics STM32F373RC Datasheet HTML 10Page - STMicroelectronics STM32F373RC Datasheet HTML 11Page - STMicroelectronics STM32F373RC Datasheet HTML 12Page - STMicroelectronics STM32F373RC Datasheet HTML 13Page - STMicroelectronics STM32F373RC Datasheet HTML 14Page - STMicroelectronics STM32F373RC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 137 page
background image
DocID022691 Rev 7
11/137
STM32F373xx
Description
47
Table 2. Device overview
Peripheral
STM32F
373Cx
STM32F
373Rx
STM32F
373Vx
Flash (Kbytes)
64
128
256
64
128
256
64
128
256
SRAM (Kbytes)
16
24
32
16
24
32
16
24
32
Timers
General
purpose
9 (16-bit)
2 (32 bit)
Basic
3 (16-bit)
Comm.
interfaces
SPI/I2S
3
I2C2
USART
3
CAN
1
USB
1
GPIOs
Normal I/Os
(TC, TTa)
36
52
84
5 volts Tolerant
I/Os
(FT, Ftf)
20
28
45
12-bit ADCs
1
16-bit ADCs
Sigma- Delta
3
12-bit DACs outputs
3
Analog comparator
2
Capacitive sensing
channels
14
17
24
Max. CPU frequency
72 MHz
Main operating voltage
2.0 to 3.6 V
16-bit SDADC operating voltage
2.2 to 3.6 V
Operating temperature
Ambient operating temperature:
- 40 to 85 °C / - 40 to 105 °C
Junction temperature: - -40 to 125 °C
Packages
LQFP48
LQFP64
LQFP100,
UFBGA100(1)
1. UFBGA100 package available on 256-KB versions only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com