Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373RC Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F373RC
Description  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373RC Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F373RC Datasheet HTML 98Page - STMicroelectronics STM32F373RC Datasheet HTML 99Page - STMicroelectronics STM32F373RC Datasheet HTML 100Page - STMicroelectronics STM32F373RC Datasheet HTML 101Page - STMicroelectronics STM32F373RC Datasheet HTML 102Page - STMicroelectronics STM32F373RC Datasheet HTML 103Page - STMicroelectronics STM32F373RC Datasheet HTML 104Page - STMicroelectronics STM32F373RC Datasheet HTML 105Page - STMicroelectronics STM32F373RC Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 137 page
background image
Electrical characteristics
STM32F373xx
102/137
DocID022691 Rev 7
Figure 29. 12-bit buffered /non-buffered DAC
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the
DAC_CR register.
Offset(3)
Offset error
(difference between
measured value at Code
(0x800) and the ideal
value = VREF+/2)
--
-
±10
mV
Given for the DAC in 10-bit at VREF+ =
3.6 V
--
±3
LSB
Given for the DAC in 12-bit at VREF+ =
3.6 V
--
±12
LSB
Gain
error(3)
Gain error
Given for the DAC in 12bit
configuration
--
±0.5
%
tSETTLING(3)
Settling time (full scale:
for a 10-bit input code
transition between the
lowest and the highest
input codes when
DAC_OUT reaches final
value ±1LSB
CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
-3
4
µs
Update
rate(3)
Max frequency for a
correct DAC_OUT
change when small
variation in the input code
(from code i to i+1LSB)
CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
--
1
MS/s
tWAKEUP(3)
Wakeup time from off
state (Setting the ENx bit
in the DAC Control
register)
CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
input code between lowest and highest
possible ones.
-6.5
10
µs
PSRR+ (1)
Power supply rejection
ratio (to VDDA) (static DC
measurement
No RLOAD, CLOAD = 50 pF
-
-67
-40
dB
1. Guaranteed by design.
2. Quiescent mode refers to the state of the DAC keeping a steady value on the output, so no dynamic consumption is
involved.
3. Guaranteed by characterization.
Table 63. DAC characteristics (continued)
Symbol
Parameter
Conditions
Min Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com