Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9012DQU Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE9012DQU
Description  Li-ion battery monitoring and balancing IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9012DQU Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE9012DQU Datasheet HTML 35Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 36Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 37Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 38Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 39Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 40Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 41Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 42Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Table 12
(continued) Electrical characteristics
VVS = VVS_functional, Tj = -40°C to +150°C, all voltages with respect to GND, positive current flowing into pin (unless
otherwise specified)
Parameter
Symbol
Values
Unit
Note or condition
P-
Number
Min. Typ. Max.
BAVM
accuracy EoL
- long-
running
mode
BAVMERR_E
OL_LR
BAV
MERR
_EOL
- 13
–
BAV
MERR
_EOL
+ 13
mV
1.
Long-running mode
2.
-2 V ≤ VTMP3/4 ≤ 2 V
3.
-40°C ≤ Tj ≤ 150°C
4.
+/- 3 sigma distribution within
absolute minimum and maximum
limits
PRQ-1829
TLE9012DQU
Li-ion battery monitoring and balancing IC
11 Auxiliary voltage measurement (AVM)
Datasheet
39
Rev. 1.0
2022-01-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com