Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9012DQU Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE9012DQU
Description  Li-ion battery monitoring and balancing IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9012DQU Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9012DQU Datasheet HTML 17Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 18Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 19Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 20Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 21Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 22Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 23Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 24Page - Infineon Technologies AG TLE9012DQU Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Sensing IC
Sleep mode
RX
GPIO1/
UART_HS
GPIO0/
UART_LS
IFL_L
IFL_H
IFH_L
IFH_H
RX
Sensing IC
RX – RX
Direction set
TX - TX
Direction set
RX
TX
GPIO1/
UART_HS
GPIO0/
UART_LS
IFL_L
IFL_H
IFH_L
IFH_H
TX
RX
RX
RX
Primary on Top
Sensing IC
Sleep mode
RX
GPIO1/
UART_HS
GPIO0/
UART_LS
IFL_L
IFL_H
IFH_L
IFH_H
RX
Sensing IC
TX - TX
Dircetion set
RX – RX
Direction set
TX
RX
GPIO1/
UART_HS
GPIO0/
UART_LS
IFL_L
IFL_H
IFH_L
IFH_H
RX
TX
RX
RX
Primary on Bottom
Sensing IC
Sleep mode
IFL_L
IFL_H
Sensing IC
RX - TX
Direction set IFL_L
IFL_H
TX
RX
Primary on Top
Sensing IC
Sleep mode IFH_L
IFH_H
RX
Sensing IC
RX – TX
Direction set IFH_L
IFH_H
TX
Primary on Bottom
(1)
(2)
(3)
(4)
IFH_L
RX IFH_H
IFH_L
RX IFH_H
IFL_L
IFL_H
RX
IFL_L
IFL_H
RX
(5)
(6)
(7)
(8)
Figure 5
Wake-up signal propagation
The device configures the communication interface automatically after wake-up.
The device configures the iso UART interface of the wake-up signal received as RX during idle mode (no
communication) until the next wake-up. The device configures the other iso UART interface as TX in idle mode
until the next wake-up.
The IC has a 7-bit watchdog counter which is counting downwards. The watchdog counter must be serviced via
an UART or iso UART command before it reaches 0. Otherwise the device enters sleep mode. The watchdog
counter can be set to maximum tWD_max with a resolution of tWD_LSB, via the watchdog counter register.
Note: After the IC wake-up, the watchdog counter is set to its maximum value tWD_max
If a longer counter interval is needed, the IC can be put into an extended watchdog mode by setting the
operation mode register. In this mode the maximum time until the watchdog counter expires is defined by
tWD_EXT_max with a resolution of tWD_EXT_LSB. When the counter expires, the device enters sleep mode.
The device provides a free-running 9-bit main counter which is counting upwards and can be checked via the
communication interface reading the watchdog counter register.
The maximum length is tCount_max with a resolution of tCount_LSB. The precisely timed reading of the main
counter gives an indication of the main oscillator speed.
If bitfield RR_CONFIG.RR_SYNC is set, then a WDOG_CNT write command resets the main counter. This prepares
for a broadcast read of all main counters.
After the device wakes up on a standard wake-up signal the device's node ID is set to 0 by default. In this state,
the device does not forward any communication. A node ID other than 0 must be set in the address (ID) bits of
configuration register before the watchdog timer expires. Only then the device forwards communication.
Note: If an EMM signal is received, the device forwards it even though the device is not enumerated.
TLE9012DQU
Li-ion battery monitoring and balancing IC
6 Watchdog and wake-up function (WD)
Datasheet
21
Rev. 1.0
2022-01-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com