Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200AQ Datasheet(PDF) 2 Page - STMicroelectronics

Part # ISO8200AQ
Description  Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200AQ Datasheet(HTML) 2 Page - STMicroelectronics

  ISO8200AQ Datasheet HTML 1Page - STMicroelectronics ISO8200AQ Datasheet HTML 2Page - STMicroelectronics ISO8200AQ Datasheet HTML 3Page - STMicroelectronics ISO8200AQ Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Schematic diagrams
Figure 1. X-NUCLEO-OUT02A1 circuit schematic (1 of 2)
A3
28
29
GND_DEC
100R
ISO_PGOOD
NRST
CN9
1
25
A5
uC_MISO
D3
BAT48JFILM
uC_MOSI
1
10
R110
23
100R N.M.
CN7
100R
19
3v3
D11
ISO_FAULT
R1
36
ISO_FAULT
5V
GND
2
1
CON38
2
25
CN5
15
D10
uC_MOSI
GND
ISO_FAULT
D5
R2
100R N.M.
100R N.M.
C1
ISO_CLK
3V3
7
EARTH
Vcc supply
D13
ISO_SDIO1
R104
3
1
2
3
4
5
6
R113
ISO_CLK
16
AVDD
35
12
13
A0
24
9
100R
CN10
ISO_SS
A0
14
26
27
7
R6
100R N.M.
D6
PB8
PB9
PA5
PA6
PA7
PB6
PC7
PA9
PA8
PB10
PB4
PB15/PA7
PB14/PA6
(PF0)
PF1
PA10
ALTERNATE USE
DEFAULT
DEFAULT
DEFAULT
DEFAULT
DEFAULT
PC1
PB0
PA1
ALTERNATE USE
PC0
PA4
PA0
ALTERNATE USE
ALTERNATE USE
DEFAULT
PB5
PA10
ALTERNATE USE
PB10
PA2
PA8
PB4
PA3
PB3
PA5
PB6
PC7
PA9
PA7
PB8
PA6
PB9
ALTERNATE USE
DEFAULT
ALTERNATE USE
ALTERNATE USE
ALTERNATE USE
ALTERNATE USE
ALTERNATE USE
ALTERNATE USE
ALTERNATE USE
1
onnectors
onnectors
100R N.M.
c
A4
GND_DEC
ALTERNATE USE
36
uC_MISO
17
3v3
100R
D8
11
100R N.M.
R111
100R N.M.
C3
CON38
2
ISO_PGOOD
27
33
J2
10
J1
ISO_SS
A2
D2
D1
9
8
7
6
5
4
3
2
1
VIN
10.5 V - 30 V
17
ISO_PGOOD
(7-12 V STM32 Nucleo supply voltage)
PC12
PF7
USE
ALTERNATE
PC10
VDD
PF6
PA13
PB0
PD2
PB7
PC0
U5V
PA12
PB11
PA0
PF5PA2
PC6
PA14
PA4
8
D11
ISO_CLK
5V
R116
2
A1
Arduino
35
24
ISO_OUT EN
5
100R N.M.
R103
D4
32
D0
100R
26
8
7
6
5
4
3
2
1
ISO_SDIO1
38
R105
Analog supply
D4
16
D12
AVDD
ISO_FAULT
ISO_OUT EN
100R
32
ISO_PGOOD
D10
D9
Vcc supply
R3
2.2µF/50V
D9
D1
ISO_OUT EN
100R N.M.
R107
A5
4
D15
ISO_PGOOD
D13
31
14
3
2
1
D5
IOREF
R7
1
2
3
4
5
6
7
8
11
uC_MISO
D0
NRST
CN6
37
100R N.M.
31
100R N.M.
R115
A3
GND_DEC
Vcc supply
R109
R101
100R N.M.
uC_MOSI
ISO_SDIO1
30
orpho
21
A1
ST m
12
13
c
D3
ISO_SDIO1
5
D14
Main voltage
R112
D6
28
29
3
37
15
ISO_SDIO1
ISO_OUT EN
D1
C2
D3
CN8
PC11
PC1
PD8
PF4
PB12
PA3
PC8
PA1
PC9
PA15
PC2
PC3
VBAT/VLCD
PC13
(PC14)
PB13/PA5
(PC15)
ISO_FAULT
ISO_SS
STPS1H100A
100R
18
22
23
33
6
R5
100R N.M.
ISO_OUT EN
R102 100R N.M.
D14
IOREF
D7
ISO_SS
6
GND
VIND7
20
21
4.7nF/3kV N.M.
D8
A4
uC_MISO
4
uC_MOSI
ISO_SDIO1
10
ISO_CLK
30
ISO_SS
100R N.M.
R114
D2
ISO_CLK
100R N.M.
R108
CON3
EXT_VDD
8
18
19
D12
E5v0
9
R106
A2
38
R4
D15
1
22
VIN
4.7nF/3kV N.M
20
34
D2
BOOT0
PB5
PB3
PA2
PC5
PB11
PB2
PB1
34
PC4
ISO8200AQ direct supply voltage:
- set to max. 3..3 V
when the X-NUCLEO-OUT02A1 is used with an STM32 Nucleo board
- can be set to max. 5.5 V
when the X-NUCLEO-OUT02A1 is used standalone
Figure 2. X-NUCLEO-OUT02A1 circuit schematic (2 of 2)
10k
C15
C22
ISO_OUT EN
ISO_SS
CON6A
2
R23
100nF
NC#29
30
NC#30
OUT8b
6
EXT_VDD
47k
22
R27
ISO_CLK
CON6A
2
10k
D4RED LED
R200R
R30
U1
CON6A
2
R29
0R
10k
R36
1
10k
1
3
CLK
23
28
29
ISO_FAULT
C23
2.2µF/50V MLCC
D13RED LED
GND_DEC
GND_DEC
ISO8200AQ
1
J5
1
2
3
4
5
6
7
8
R22
Vcc supply
4
NC#28
C18
3
C19
2
C16
100nF/50V
R21
33pF/6.3V
C24
910R
OUT4b
13
OUT3a
14
10k
OUT6b
OUT5a
10
ISO_PGOOD
D6
4
2.2µF
4
SDI
C5
GND_DEC
1
27
NC#27
0R
OUT7b
8
R16
D11
C20
CON8
10k
D8
OUT3b
15
3
ISO_SS
1
24
D16
FAULT
32
OUT6a
9
ISO_PGOOD
Vdd
SDO
Vcc supply
4
J8
J6
R32
0R
uC_MISO
R28
31
OUT7a
7
ISO_SDIO1
ISO_FAULT
ISO_OUT EN
5
10k
C8
2
OUT2b
17
C17
C28
PGOOD
25
26
NC#26
ISO_SDIO1
6
OUT4a
R25
3v3
D12
21
C7
ISO_SDIO1
D7
uC_MISO
6
uC_MOSI
6
C26
Vdd
C25
16
OUT2a
D9
R26
C27
ISO_CLK
5
OUT5b
11
12
R31
OUT8a
5
10k
OUT EN
SS
C21
910R
ISO_SDIO1
5
J7
uC_MOSI
D10
R24
D5
X-NUCLEO-OUT02A1
Schematic diagrams
DB3767 - Rev 2
page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com