Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200AQ Datasheet(PDF) 1 Page - STMicroelectronics

Part # ISO8200AQ
Description  Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200AQ Datasheet(HTML) 1 Page - STMicroelectronics

  ISO8200AQ Datasheet HTML 1Page - STMicroelectronics ISO8200AQ Datasheet HTML 2Page - STMicroelectronics ISO8200AQ Datasheet HTML 3Page - STMicroelectronics ISO8200AQ Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
Based on the ISO8200AQ whose main characteristics are:
–
Embedded 4kV galvanic isolation
–
Radio frequency communication between the logic and process sides for
maximum noise immunity
–
Very low power dissipation (RON(MAX) = 220 mΩ)
–
Fast decay for inductive loads
–
20 MHz SPI I/F on logic side
–
VCC power good diagnostics
–
Overload and overheating protections with thermal shutdown and
diagnostics
–
QFN-32L (9x11x1 mm) package
•
10.5 to 33 V operating voltage range
•
Green LED (x8) for output on/off status
•
Red LED for process supply power good fault
•
Red LED for overload and overheating
•
Supply reverse polarity protection
•
EMC compliance according to IEC61000-4-2, IEC61000-4-3, IEC61000-4-5
•
Compatible with STM32 Nucleo boards
•
Equipped with Arduino™ UNO R3 connectors
•
CE certified
•
RoHS and China RoHS compliant
•
WEEE compliant
Description
The X-NUCLEO-OUT02A1 industrial digital output expansion board for STM32
Nucleo is based on the ISO8200AQ galvanic isolated octal high-side smart power
solid state-relay.
It provides an affordable and easy-to-use solution for the development of 8-channel
digital output modules, letting you easily evaluate the ISO8200AQ communication
and industrial load driving features.
The X-NUCLEO-OUT02A1 can be connected to a NUCLEO-F401RE or NUCLEO-
F334R8 development board via Arduino™ UNO R3 connectors.
You can also evaluate the 16-channel digital output modules by connecting two X-
NUCLEO-OUT02A1 expansion boards and activating the daisy chaining feature.
The X-NUCLEO-OUT02A1 interfaces with the STM32 controller via SPI and GPIO
pins and is compatible with the Arduino™ UNO R3 (default configuration) and ST
morpho (optional, not mounted) connectors.
Industrial PLC functionality with 8 inputs and 16 outputs can be added with the X-
NUCLEO-PLC01A1 expansion board.
Product summary
Industrial digital output
expansion board based
on ISO8200AQ for
STM32 Nucleo
X-NUCLEO-
OUT02A1
Industrial input/output
expansion board based
on VNI8200XP and
CLT01-38SQ7 for
STM32 Nucleo
X-NUCLEO-
PLC01A1
Galvanic isolated octal
high-side smart power
solid state-relay
ISO8200AQ
STM32 Nucleo-64
development board with
STM32F401RE/
STM32F334R8 MCU
NUCLEO-
F401RE/
NUCLEO-
F334R8
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
X-NUCLEO-OUT02A1
Data brief
DB3767 - Rev 2 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ISO8200AQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
Galvanic isolated octal high-side smart power solid state relay
19-Oct-2012
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
ISO8200BQTR STMICROELECTRONICS-ISO8200BQTR Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
ISO8200BQTR STMICROELECTRONICS-ISO8200BQTR Datasheet
1Mb / 7P
Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
26-May-2023
More results

Similar Description - ISO8200AQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
09-Jun-2017
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT10A1 STMICROELECTRONICS-X-NUCLEO-OUT10A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS161HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com