Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQTR Datasheet (PDF) - STMicroelectronics

ISO8200BQTR Datasheet PDF - STMicroelectronics
Part # ISO8200BQTR
Download  ISO8200BQTR Download
File Size   1588.3 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanic isolated octal high-side smart power solid state-relay

ISO8200BQTR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO8200BQTR Datasheet PDF - STMicroelectronics

Part # ISO8200BQTR
Download  ISO8200BQTR Click to download

File Size   1588.3 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanic isolated octal high-side smart power solid state-relay

ISO8200BQTR Datasheet (HTML) - STMicroelectronics


ISO8200BQTR Product details

Description
The ISO8200BQ is a galvanic isolated 8-channel
driver featuring a very low supply current. It
contains 2 independent galvanic isolated voltage
domains (Vcc for the power stage and Vdd for the
digital stage). Additional embedded functions are:
loss of GND protection, undervoltage shutdown
with hysteresis, and reset function for immediate
power output shutdown.
IC is intended to drive any kind of load with one
side connected to ground. Active channel current
limitation combined with thermal shutdown,
(independent for each channel), and automatic
restart, protect the device against overload and
short-circuit. In overload conditions, if junction
temperature overtakes threshold, the channel
involved is turned off and on again automatically
after the IC temperature decreases below a reset
threshold. If this condition causes case
temperature to reach TCR limit threshold, the
overloaded channel is turned off and it only
restarts when case and junction temperature
decrease down to the reset thresholds. Nonoverloaded channels continue operating
normally. An internal circuit provides an OR-wired
non-latched common FAULT indicator
signaling the channel OVT. The FAULT pin is
an open-drain active low fault indication pin.

Features
 Parallel input interface
 Direct and synchronous control mode
 High common mode transient immunity
 Output current: 0.7 A per channel
 Short-circuit protection
 Channel overtemperature protection
 Thermal independence of separate channels
 Common output disable pin
 Case overtemperature protection
 Loss of GNDcc and Vcc protection
 Undervoltage shutdown with auto-restart
and hysteresis
 Overvoltage protection (Vcc clamping)
 Very low supply current
 Common fault open-drain output
 5 V and 3.3 V TTL/CMOS compatible I/Os
 Fast demagnetization of inductive loads
 Reset function for IC output disable
 ESD protection
 IEC 61000-4-2, IEC 61000-4-4, IEC 61000-
4-5 and IEC 61000-4-8 compliant

Applications
 Programmable logic control
 Industrial PC peripheral input/output
 Numerical control machines
 Drivers for all types of loads (resistive,
capacitive, inductive)




Similar Part No. - ISO8200BQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISO8200BQTR STMICROELECTRONICS-ISO8200BQTR Datasheet
1Mb / 7P
Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
26-May-2023
More results


Similar Description - ISO8200BQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
Galvanic isolated octal high-side smart power solid state relay
19-Oct-2012
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VNI8200XP-32 STMICROELECTRONICS-VNI8200XP-32 Datasheet
2Mb / 43P
Octal high-side smart power solid-state relay with serial
24-Aug-2015
ISO808 STMICROELECTRONICS-ISO808 Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay for high inductive loads
21-Dec-2022
ISO808A STMICROELECTRONICS-ISO808A Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
Rev 1 - December 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com